Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD-155 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No. de pieza AD-155
Descripción Electrónicos  155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

AD-155 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  AD-155_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. AD-155_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage(A)
FileName:AD-155-SPEC2011-06-16
CaseNo.906BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
90
88
100
120
140
160
180
200
220
240
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
With21.6CFMmin.(10cm)
WithNOFAN
+13.8V
(HORIZONTAL)
BlockDiagram
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
BACKUP
RECTIFIERS
BAT.CHARGER
+V
B+
RESET
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING&
START
CIRCUIT
ACTIVE
PFCfosc:67KHz
PWMfosc:134KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
5
3
4
6
7
8
Assignment
Assignment
BAT.+
BAT.-/COM
DCOUTPUT COM
DCOUTPUT +V
FG
AC/L
AC/N
NC
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
8
6
5
4
3
2
1
5
1
2
CN1
PinNo.
Assignment MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
1
2
RESET SW
CN1PinNo. Assignment:JST B2B-XHorequivalent
A D - 1 5 5 series
155WSingleOutputwithBatteryCharger(UPSFunction)


Número de pieza similar - AD-155_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD-155A ETC-AD-155A Datasheet
77Kb / 2P
   SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
AD-155A ASTRODYNE-AD-155A Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155A MEANWELL-AD-155A Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
logo
List of Unclassifed Man...
AD-155B ETC-AD-155B Datasheet
77Kb / 2P
   SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
AD-155B ASTRODYNE-AD-155B Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
More results

Descripción similar - AD-155_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
   155W Single Output with Battery Charging UPS Function
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
DRC-60 MEANWELL-DRC-60 Datasheet
774Kb / 5P
   60W Single Output with Battery Charger (UPS Function)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com