Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5262B Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

No. de pieza 1N5262B
Descripción Electrónicos  GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Página de inicio  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N5262B Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N5262B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - 1N5262B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5262B VISHAY-1N5262B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Central Semiconductor C...
1N5262B CENTRAL-1N5262B Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
First Components Intern...
1N5262B FCI-1N5262B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Vishay Siliconix
1N5262B VISHAY-1N5262B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 06-May-13
logo
Nanjing International G...
1N5262B DGNJDZ-1N5262B Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
More results

Descripción similar - 1N5262B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N957A NJSEMI-1N957A Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Motorola, Inc
DO-204AH MOTOROLA-DO-204AH Datasheet
424Kb / 42P
   GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS
logo
Solid States Devices, I...
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com