Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA35S280-DN Datasheet(PDF) 11 Page - Kasin Electronics Corporation

No. de pieza KA35S280-DN
Descripción Electrónicos  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KASIN [Kasin Electronics Corporation]
Página de inicio  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DN Datasheet(HTML) 11 Page - Kasin Electronics Corporation

Back Button KA35S280-DN Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 14Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 15Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
11
Typical Application
Cyclic/Float
Faster
MS1
MS0
SW
V
DD
TEMP
6
5
4
3
2
1
7
I
BAT
V
BAT
V
SS
9
10
11
12
13
14
8
KA35S28X
LED0
LED1
LED2
LED3
RB
1
RB
2
BAT-
BAT+
R
SNS
+
7805
-
1N4007 (1A)
3300uF (50V)
15 (7) - 30 V
12 (6) V
Switch
Network
1N4007 (1A)
N
RB1 (KΩ)
RB2 (KΩ)
IMAX
RSNS (Ω)
3 (6V)
57KΩ
33KΩ
100mA
2
6 (12V)
147KΩ
33KΩ
300mA
0.66
12 (24V)
327KΩ
33KΩ
500mA
0.4
Figure 12
– A Very Simple High Power 3-Step Voltage Lead-Acid Battery Charger


Número de pieza similar - KA35S280-DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Descripción similar - KA35S280-DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com