Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ73A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BUZ73A
Descripción Electrónicos  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ73A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUZ73A Datasheet HTML 1Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 2Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 3Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 4Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 5Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 6Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 7Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 8Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 73 A
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 73 A
200 V
5.5 A
0.6
TO-220 AB
C67078-S1317-A3
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 37 °C
ID
5.5
A
Pulsed drain current
TC = 25 °C
IDpuls
22
Avalanche current,limited by
Tjmax
IAR
7
Avalanche energy,periodic limited by
Tjmax
EAR
6.5
mJ
Avalanche energy, single pulse
ID = 7 A, VDD = 50 V, RGS = 25 Ω
L = 3.67 mH, Tj = 25 °C
EAS
120
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
40
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 3.1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Número de pieza similar - BUZ73A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ73A INFINEON-BUZ73A Datasheet
86Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ73A INFINEON-BUZ73A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.4 2009-11-10
logo
Comset Semiconductor
BUZ73A COMSET-BUZ73A Datasheet
104Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Inchange Semiconductor ...
BUZ73A ISC-BUZ73A Datasheet
66Kb / 2P
   Fast Switching Speed
More results

Descripción similar - BUZ73A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com