Nombre de pieza
         Descripción
BXY42BA-7

 Silicon PIN Diode (Fast switching) ( 2 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 2 page
background image
BXY 42BA-7
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Reverse current
VR = 40 V
IR
nA
––5
Diode capacitance
VR = 20 V, f= 1 MHz
CT
pF
0.2
Parameter
Symbol
min.
typ.
Unit
Values
max.
Charge carrier life time
IF = 10 mA, IR = 6 mA
τL
ns
–40
Breakdown voltage
IR = 10
µA
V(BR)
V
50
Storage time
IF = 10 mA, VR = 10 V
ts
ns
–4–
Forward resistance
f = 100 MHz, IF = 10 mA
rf
1.5
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BXY42BA-6Silicon PIN Diode Fast switching Coax package 1 2 Siemens Semiconductor Group
5082-3306FAST SWITCHING SILICON PIN DIODE 1 Advanced Semiconductor
BXY42BA-3Silicon PIN Diode Fast switching In stripline package other lead configurations available 1 2 Siemens Semiconductor Group
BXY42BA-5Silicon PIN Diode Fast switching Coax package 1 2 Siemens Semiconductor Group
HVD142Silicon Epitaxial Planar Pin Diode for Antenna Switching 1 2 3 4 5 MoreHitachi Semiconductor
HVL133ASilicon Epitaxial Planar Pin Diode for Antenna Switching 1 2 3 4 5 Renesas Technology Corp
HVC131Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
HVD132Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor
BAR63-02WSilicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance small capacitance small inductance 1 2 3 4 Siemens Semiconductor Group
HVC132Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 Hitachi Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl