Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF12A60 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

No. de pieza STF12A60
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Página de inicio  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

STF12A60 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  STF12A60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd STF12A60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd STF12A60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd STF12A60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd STF12A60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
STF12A60
B
B
B
Biiii----D
D
D
Dir
ir
ir
ire
e
e
ect
ct
ct
ctiiiio
o
o
on
n
n
nal
al
al
al Tri
Tri
Tri
Trio
o
o
od
d
d
de
e
e
e T
T
T
Th
h
h
hy
y
y
yri
ri
ri
rist
st
st
sto
o
o
orrrr
F
F
F
Fea
ea
ea
eattttu
u
u
urrrres
es
es
es
Repetitive Peak off-State Voltage:600
■R.M.S On-State Current(IT(RMS)=12A
■ Isolation Voltage ( VISO = 1500V AC )
■ High Commutation dV/dt.
G
G
G
Ge
e
e
en
n
n
ne
e
e
errrral
al
al
al D
D
D
Desc
esc
esc
escri
ri
ri
rip
p
p
pti
ti
ti
tio
o
o
on
n
n
n
General purpose switching and phase control applications.
These devices are intended to be interfaced directly to micro-
controllers, logic integrated circuits and other low power gate
trigger circuits such as fan speed and temperature modulation
control, lighting control and static switching relay.
A
A
A
A1
1
1
1
A
A
A
A2
2
2
2
G
G
G
G
A
A
A
Ab
b
b
bs
s
s
so
o
o
ollllu
u
u
utttte
e
e
e M
M
M
Ma
a
a
ax
x
x
xim
im
im
imu
u
u
um
m
m
m R
R
R
Ra
a
a
attttin
in
in
ing
g
g
gs
s
s
s
(TJ=25℃ unless otherwise specified)
T
T
T
TO
O
O
O220F
220F
220F
220F
S
S
S
Sy
y
y
ym
m
m
mbol
bol
bol
bol
P
P
P
Pa
a
a
arrrrame
ame
ame
ametttte
e
e
errrr
V
V
V
Va
a
a
allllue
ue
ue
ue
Units
Units
Units
Units
VDRM
Peak Repetitive Forward Blocking Voltage(gate open)
(Note 1)
600
V
IT(RMS)
Forward Current RMS (All Conduction Angles, Tc=58℃)
12
A
ITSM
Peak Forward Surge Current,
(1/2 Cycle, Sine Wave, 50/60 Hz)
119/130
A
I2t
Circuit Fusing Considerations
(t p= 10 ms)
71
A2s
PGM
Peak Gate Power — Forward, (Tc = 58°C,Pulse with≤1.0us)
5
W
PG(AV)
Average Gate Power — Forward, (Over any 20ms period)
0.5
W
IFGM
Peak Gate Current — Forward, Tj = 125°C
(20 µs, 120 PPS)
2
A
VRGM
Peak Gate Voltage — Reverse, Tj = 125°C
(20 µs, 120 PPS)
10
V
TJ,
Junction Temperature
-40~125
Tstg
Storage Temperature
-40~150
Not
Not
Not
Note1
e1
e1
e1:::: .Although not recommended, off-state voltages up to 800V may be applied without damage, but the TRIAC
may switch to the on-state. The rate of rise of current should not exceed 3A/us.
T
T
T
Th
h
h
he
e
e
erm
rm
rm
rmal
al
al
al Ch
Ch
Ch
Cha
a
a
arrrrac
ac
ac
actttte
e
e
eri
ri
ri
ris
s
s
sttttiiiics
cs
cs
cs
S
S
S
Sy
y
y
ym
m
m
mbol
bol
bol
bol
P
P
P
Pa
a
a
arrrrame
ame
ame
ametttte
e
e
errrr
V
V
V
Va
a
a
allllue
ue
ue
ue
Units
Units
Units
Units
M
M
M
Miiiin
n
n
n
Ty
Ty
Ty
Typ
p
p
p
Ma
Ma
Ma
Max
x
x
x
RQJC
Thermal Resistance, Junction-to-Case
-
-
3.3
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
120
℃/W
Rev. B
Nov.2008
By using an internal ceramic pad, the TO220F series provides
voltage insulated tab (rated at 2500V RMS) complying with UL
standards (file ref.:E347423)


Número de pieza similar - STF12A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
More results

Descripción similar - STF12A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com