Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX04 Datasheet(PDF) 4 Page - Micrel Semiconductor

No. de pieza 74LCX04
Descripción Electrónicos  TXRX_982_R1 Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

74LCX04 Datasheet(HTML) 4 Page - Micrel Semiconductor

  74LCX04 Datasheet HTML 1Page - Micrel Semiconductor 74LCX04 Datasheet HTML 2Page - Micrel Semiconductor 74LCX04 Datasheet HTML 3Page - Micrel Semiconductor 74LCX04 Datasheet HTML 4Page - Micrel Semiconductor 74LCX04 Datasheet HTML 5Page - Micrel Semiconductor 74LCX04 Datasheet HTML 6Page - Micrel Semiconductor 74LCX04 Datasheet HTML 7Page - Micrel Semiconductor 74LCX04 Datasheet HTML 8Page - Micrel Semiconductor 74LCX04 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel
TXRX_982_R1 Evaluation Board
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
4
18. On Panels list, select Temperature
Compensation. Load look-up tables for APC,
Modulation, Bias current Fault, and End-of-
Life from appropriate files. If no loading is
done, the default value 0 is used for all the
LUT. Return to the main window.
19. On Panels list, select OEM settings. Enter
the desired DAC values between 0 and 255
for the displayed parameters then select SET
NEW. Select GET CURRENT to make sure
that the set values are written into the
registers. Checking them can mask the faults.
Return to the main window.
20. On Panels list, select User. Check APC0 in
the USER CONTROL REGISTER (default
setting). All the other parameters can be
checked later to verify their functionality.
Return to the main window.
21. On Panels list, select Result. The values of
the five monitored parameters as per SFF-
8472 are now displayed. Type the alarm and
warning thresholds and select SET NEW
LIMITS. Select GET CURRENT LIMITS to
check that the set values are written into the
registers. Return to main window.
22. Set modulation current and bias current to get
the desired output power and extinction ratio
out of the laser. Use OEM Settings panel or
TX Setup panel to do that:
a. In OEM settings window, set the bias
by entering a value from 10 to 255 in
APC
SET
POINT
0
box
and
modulation by entering a value from
10 to 255 in MOD DAC setting box
followed by SET new.
b. In TX calibration window, set the bias
by entering a value from 10 to 255 in
APCO (DEC) box and modulation by
entering a value from 10 to 255 in
MOD DAC setting box followed by
SET new.
After setting the new value for bias or modulation
current, toggle TXDISABLE/TXENABLE on the main
window.
23. At this step, there is no received power since
no signal is applied at the input of the receiver.
24. Adjust the VOA to bring the optical power to
the desired level at the input of the receiver.
Then connect the output of the VOA to the
input of the receiver using appropriate fiber
jumper.
25. If the installed receiver has RSSI signal, a
value (needs calibration) of the received
power should be displayed now.
26. On Panels list, select TX Setup to calibrate
the TX power. Measure the optical power at
the output of the VCSEL and enter the value
(in mW) in the MEASURED TX POWER box,
then select CALIBRATE. The monitored value
is adjusted to display the measured value by
automatically changing the slope set in the
EXTERNAL CALIBRATION window.
Reconnect the VOA to the VCSEL and return
to the main window.
27. On Panels select RX Calibration. Measure
the input power to receiver at the output of the
VOA and enter the measured value (in mW) in
the MEASURED RX POWER box then select
CALIBRATE. The monitored value is adjusted
to display the measured value by
automatically changing the slope set in the
EXTERNAL CALIBRATION window.
Reconnect the VOA to the receiver and return
to the main window.
28. At this stage, the masked faults should be
unmasked and if there is a fault indication try
to find the cause for it and fix it to get the
transceiver running fault free and try to
measure the performance of the laser driver
and post amplifier.


Número de pieza similar - 74LCX04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX04BQX FAIRCHILD-74LCX04BQX Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04BQX ONSEMI-74LCX04BQX Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results

Descripción similar - 74LCX04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com