Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE202930 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza NE202930
Descripción Electrónicos  Silicon NPN Epitaxial High Frequency Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE202930 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NE202930 Datasheet HTML 1Page - Renesas Technology Corp NE202930 Datasheet HTML 2Page - Renesas Technology Corp NE202930 Datasheet HTML 3Page - Renesas Technology Corp NE202930 Datasheet HTML 4Page - Renesas Technology Corp NE202930 Datasheet HTML 5Page - Renesas Technology Corp NE202930 Datasheet HTML 6Page - Renesas Technology Corp NE202930 Datasheet HTML 7Page - Renesas Technology Corp NE202930 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NE202930
R09DS0003EJ0100 Rev.1.00
Page 4 of 6
Jul 14, 2010
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
110
25
20
15
10
5
0
MAG
MSG
|S21e|
2
0.1
Collector Current IC (mA)
VCE = 5 V,
f = 1 GHz
18
16
14
12
10
8
6
4
2
0
10
1
100
MSG
|S21e|
2
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
MAG
Each Input Power Pin (each) (dBm)
VCE = 5 V,
ICE (set) = 30 mA,
f = 1 GHz
–50
–80
0
10
20
–10
–30
30
EACH OUTPUT POWER, IM3
vs. EACH INPUT POWER
Pout
IM3
–70
–60
–20
–40
–30
–10
20
0
10
40
30
–20
Input Power Pin (dBm)
COLLECTOR CURRENT vs. INPUT POWER
30
20
10
0
–10
200
150
100
50
0
–20
–10
0
10
VCE = 5 V,
ICE (set) = 30 mA,
f = 1 GHz
GL
Pout
IC
OUTPUT POWER, LINEAR GAIN,
20
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 5 V,
f = 1 GHz,
ZS = Zopt, ZL = 50
Ω
1
5
4
3
2
1
0
10
100
15
13
11
9
7
5
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 5 V,
f = 1 GHz,
ZS = ZL = Zopt
1
5
4
3
2
1
0
10
100
15
13
11
9
7
5
VCE = 5 V,
ICE = 5 mA
Remark The graphs indicate nominal characteristics.


Número de pieza similar - NE202930

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1 CEL-NE202930-T1 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1-A CEL-NE202930-T1-A Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
More results

Descripción similar - NE202930

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
   NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com