Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM5430N Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM5430N
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM5430N Datasheet(HTML) 1 Page - Analog Power

  AM5430N Datasheet HTML 1Page - Analog Power AM5430N Datasheet HTML 2Page - Analog Power AM5430N Datasheet HTML 3Page - Analog Power AM5430N Datasheet HTML 4Page - Analog Power AM5430N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM5430N
N-Channel 30-V (D-S) MOSFET
VDS (V)
ID(A)
10
8.5
Symbol
Limit
Units
VDS
30
VGS
±20
TA=25°C
10
I
Continuous Drain Current
a
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage
V
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (m)
30
22 @ VGS = 10V
30 @ VGS = 4.5V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
• Small Footprint DFN3x2-8L package
Typical Applications:
• Portable Computing Power Conversion
• Portable Entertainment and GPS Power
Conversion
D
D
D
D
G
S
S
S
DFN3x2-8L EP
© Preliminary
1
Publication Order Number:
DS-AM5430N
TA=25°C
10
TA=70°C
7.5
IDM
30
IS
4.4
A
TA=25°C
3.5
TA=70°C
2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
35
81
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
ID
A
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Power Dissipation
a
PD
W
Continuous Drain Current
a
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
°C/W
Steady State
© Preliminary
1
Publication Order Number:
DS-AM5430N


Número de pieza similar - AM5430N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM5400N ANALOGPOWER-AM5400N Datasheet
362Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM5423P ANALOGPOWER-AM5423P Datasheet
94Kb / 3P
   P-Channel 20-V (D-S) MOSFET
logo
Advanced Micro Devices
AM545LS374A AMD-AM545LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
AM545LS534 AMD-AM545LS534 Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Analog Power
AM5460N ANALOGPOWER-AM5460N Datasheet
225Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - AM5430N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com