Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM7300N Datasheet(PDF) 3 Page - Analog Power

No. de pieza AM7300N
Descripción Electrónicos  N-Channel 300-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7300N Datasheet(HTML) 3 Page - Analog Power

  AM7300N Datasheet HTML 1Page - Analog Power AM7300N Datasheet HTML 2Page - Analog Power AM7300N Datasheet HTML 3Page - Analog Power AM7300N Datasheet HTML 4Page - Analog Power AM7300N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM7300N
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
ID-Drain Current (A)
5.0V
4.5V
5.5V, 6V,8V,10V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V)
10V,8V,6V, 5.5V
4.5V
5.0V
0
0.3
0.6
0.9
1.2
1.5
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
ID = 2.0A
0
1
2
3
4
5
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
© Preliminary
3
Publication Order Number:
DS-AM7300N-1A


Número de pieza similar - AM7300N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
logo
Analog Power
AM7302N ANALOGPOWER-AM7302N Datasheet
335Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303X ETC1-AM7303X Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Descripción similar - AM7300N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM10N30-600I ANALOGPOWER-AM10N30-600I Datasheet
77Kb / 3P
   N-Channel 300-V (D-S) MOSFET
logo
Vishay Siliconix
TN3012L VISHAY-TN3012L Datasheet
47Kb / 4P
   N-Channel 300-V (D-S) MOSFET
Rev. C, 16-Jul-01
logo
Analog Power
AM90N30-290B ANALOGPOWER-AM90N30-290B Datasheet
332Kb / 5P
   N-Channel 300-V (D-S) MOSFET
logo
Vishay Siliconix
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQD10N30-330H VISHAY-SQD10N30-330H_V01 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97 VISHAY-SQM35N30-97_V01 Datasheet
236Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD10N30-330H VISHAY-SQD10N30-330H_V02 Datasheet
209Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD10N30-330H VISHAY-SQD10N30-330H_15 Datasheet
209Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. C, 12-May-15
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com