Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM7334N Datasheet(PDF) 2 Page - Analog Power

No. de pieza AM7334N
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7334N Datasheet(HTML) 2 Page - Analog Power

  AM7334N Datasheet HTML 1Page - Analog Power AM7334N Datasheet HTML 2Page - Analog Power AM7334N Datasheet HTML 3Page - Analog Power AM7334N Datasheet HTML 4Page - Analog Power AM7334N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AM7334N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7334_B
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
±100
nA
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55
oC
25
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
20
A
VGS = 10 V, ID = 10 A
8.5
VGS = 4.5 V, ID = 8 A
11.5
Forward Tranconductance
A
gfs
VDS = 15 V, ID = 10 A
40
S
Diode Forward Voltage
VSD
IS = 2.3 A, VGS = 0 V
0.7
V
Total Gate Charge
Qg
11
Gate-Source Charge
Qgs
6
Gate-Drain Charge
Qgd
4
Input Capacitance
Ciss
1302
Output Capacitance
Coss
423
Reverse Transfer Capacitance
Crss
171
Turn-On Delay Time
td(on)
10
Rise Time
tr
5
Turn-Off Delay Time
td(off)
22
Fall-Time
tf
4
Dynamic
b
VDD = 25 V, RL = 25
, ID = 1 A,
VGEN = 10 V
nS
VDS = 15 V, VGS = 4.5 V,
ID = 10 A
nC
VDS = 15 V, VGS = 0 V,
f = 1MHz
pF
Static
V
Zero Gate Voltage Drain Current
IDSS
uA
Drain-Source On-Resistance
A
rDS(on)
m
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit


Número de pieza similar - AM7334N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM7330N ANALOGPOWER-AM7330N Datasheet
337Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7331 ANALOGPOWER-AM7331 Datasheet
289Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM7331P ANALOGPOWER-AM7331P Datasheet
289Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM7331PE ANALOGPOWER-AM7331PE Datasheet
85Kb / 3P
   P-Channel 30-V (D-S) MOSFET
AM7332N ANALOGPOWER-AM7332N Datasheet
329Kb / 5P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - AM7334N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com