Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV99NBG Datasheet(PDF) 5 Page - Arizona Microtek, Inc

No. de pieza AZV99NBG
Descripción Electrónicos  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZM [Arizona Microtek, Inc]
Página de inicio  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NBG Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZV99NBG Datasheet HTML 1Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 2Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 3Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 4Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 5Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Arizona Microtek, Inc.
AZV99
PECL/LVDS Oscillator Gain Stage &
Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
May 2012, Rev 2.0
Table 6 – Enable Truth Table
EN-SEL
EN/
EN
Q/
Q
QHG
Q HG
NC
PECL Low, VEE or NC
Data
Data
Data
PECL High or VCC
Data
High
Low
VEE
1
CMOS/TTL Low, VEE or NC
Data
High
Low
CMOS/TTL High or VCC
2
Data
Data
Data
1
EN-SEL connections must be less than 1
Ω.
2
An external ≤20kΩ pull-up resistor between EN and VCC ensures a High when the
EN pin is not driven.
QHG
Q
D
EN-SEL SHORTED TO VEE
EN-SEL OPEN
EN
{
(PECL)
(CMOS)
QHG
Q
Figure 1 – Timing Diagram
Table 7 - Current Source Truth Table
CS-SEL
Q
Q
NC
4mA typ
4mA typ
VEE
1
8mA typ
8mA typ
VCC
1
0
4mA typ
1
Connection must be less than 1


Número de pieza similar - AZV99NBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZV99NBG AZM-AZV99NBG Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Descripción similar - AZV99NBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com