Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4953MM-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AM4953MM-G1
Descripción Electrónicos  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4953MM-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4953MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4953MM-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Aug. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
10
Typical Application
FG
VCC
OUT2
GND
OUT1
CT
IN-
IN+
AM4953
HALL
R1
D1
C1
C2
L
RD
R2
HB
VFG
VRD
(Note 4)
(Note 2)
FG
VCC
OUT2
GND
OUT1
CT
IN-
IN+
AM4953
R3
C1
C2
L
AH921
R1
VFG
D1
HB
RD
VRD
R2
(Note 5)
(Note 4)
(Note 4)
Note 2: Adding D1 can protect the IC from destruction by reverse connection. If D1 is used, it is necessary to
insert a capacitor C1 to provide a regenerative current route. Similarly, if there is no nearby capacitor on the fan
power supply line, C1 will also be necessary to improve reliability. Its capacity should be larger than 2.2
μF.
Note 3: If the line between Hall sensor output and Hall sensor input of IC is long, the noise may occur in this line.
But it can be eliminated by adding a capacitor C3.
Note 4: Each of R1 and R2 is recommended to be 51k
Ω typical. R3 is recommended to be 2k and must be added
when VCC is larger than 20V.
Note 5: The package of AH921 is SOT-23-3. If it is packaged in TO-92S-3,please exchange IN- with IN+.
Figure 11. Typical Application of AM4953


Número de pieza similar - AM4953MM-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4953MM-G1 DIODES-AM4953MM-G1 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Descripción similar - AM4953MM-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com