Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4953GS-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AM4953GS-G1
Descripción Electrónicos  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4953GS-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM4953GS-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4953GS-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Aug. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1, TA=25ºC)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Peak Output Current
IOUT
800
mA
FG/RD Pull-up Voltage
VFG/VRD
15
V
FG/RD Output Current
IFG/IRD
10
mA
MSOP-10
MSOP-8
585
SSOP-10
800
SOIC-8
780
Power Dissipation
PD
PSOP-8
960
mW
Operating Temperature
TOP
-40 to 125
ºC
Storage Temperature
TSTG
-55 to 150
ºC
ESD (Human Body Model)
ESD
4000
V
ESD (Machine Model)
ESD
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.2
16
V
Hall Input Voltage
VICM
0
VCC-1.5
V
Operating Ambient Temperature
TA
-40
105
ºC


Número de pieza similar - AM4953GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4953GS-G1 DIODES-AM4953GS-G1 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Descripción similar - AM4953GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com