Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M1008G-P28-T Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza M1008G-P28-T
Descripción Electrónicos  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button M1008G-P28-T Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 9Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 10Page - Unisonic Technologies M1008G-P28-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-434.a
FUNCTIONAL DESCRIPTION (Cont.)
D8
D7
D6
D5
D4
D3
D2
D1
D0
MUX order
Channel Select
Enable
Delay
CDS1
Delay
CDS2
Delay
ADCK
Delay
1=on
(Note)
1=4ns
1=4ns
1=2ns
0
1=R-G-B
(Note)
0=B-G-R
1=Red
(Note)
0=off
1=Green
0=off
(Note)
1=Blue
0=off
(Note)
0=off
0=2ns
(Note)
0=2ns
(Note)
0=0ns
(Note)
MUX Register Settings
Note: Power-on default value
PGA Gain Registers
There are three PGA registers for use in respectively programming the gain of the red, green and blue
channels. Bits D8, D7 and D6 in each register must hold low, and bits D5 through D0 control the gain range in 64
increments. The coding for the PGA registers is a straight binary. An all zero word corresponds to the minimum gain
setting (1x) and an all one word corresponds to the maximum gain setting (5.85x).
The M1008 distributes one Programmable Gain Amplifier (PGA) for each channel. Each PGA has a gain range
from 1x (0dB) to 5.85x (15.3dB), adjustable in 64 steps. Although the gain curve is approximately linear in dB, the
gain in V/V varies in nonlinear proportion with the register code, according to the following the equation:
5.85
Gain
63 - G
1 + 4.85 * (
)
63
=
Where G is the decimal value of the gain register contents, and varies from 0 to 63.
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain(V/V)
Gain(dB)
0
0
0
MSB
LSB
0
0
.
.
.
0
0
0
0
.
.
.
0
0
0
0
.
.
.
0
0
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0 (Note)
1
.
.
.
0
1
1.0
1.013
.
.
.
5.43
5.85
0.0
0.12
.
.
.
14.7
15.3
Note: Power-on default value
Offset Registers
There are three PGA registers for use in respectively programming the offset of the red, green, and blue
channels. Bits D8 through D0 control the offset range from -250mV to 250mV in 512 increments.
The coding for the offset registers is sign magnitude, with D8 as the sign bit. The following table shows the
offset range as a function of the bits D8 through D0.
D8
D7
D6
D5
D4
D3
D2
D1
D0
Offset(mV)
MSB
LSB
0
0
.
.
.
0
1
1
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0 (Note)
1
.
.
.
1
0
1
.
.
.
1
0
0.98
.
.
.
250
0
-0.98
.
.
.
-250
Note: Power-on default value


Número de pieza similar - M1008G-P28-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
M1008G-P28-T UTC-M1008G-P28-T Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results

Descripción similar - M1008G-P28-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008_15 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com