Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD1117-AL-XX-TF3-C-T Datasheet(PDF) 9 Page - Unisonic Technologies |
|
LD1117-AL-XX-TF3-C-T Datasheet(HTML) 9 Page - Unisonic Technologies |
9 / 15 page LD1117/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 9 of 15 www.unisonic.com.tw QW-R102-006.AG ELECTRICAL CHARACTERISTICS(Cont.) For LD1117/A-5.0 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=7V, IOUT=10mA, TJ=25°C 4.900 5.000 5.100 V Output Voltage VOUT VIN=6.5 to 15V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1.0A 4.900 5.000 5.100 V Line Regulation ΔVOUT VIN=6.5 to 15V, IOUT=0mA 1 10 mV Load Regulation ΔVOUT VIN=6.5V LD1117 : IOUT=0~800mA LD1117A : IOUT=0~1000mA 1 15 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤15V 5 10 mA Current Limit ILIMIT VIN=10V, TJ=25°C LD1117 800 mA LD1117A 1000 Output Noise Voltage eN B=10Hz to 10KHz, TJ=25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN=8V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT=100mA 1.00 1.10 V IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 IOUT=1A 1.20 1.30 Thermal Regulation TA=25°C, 30ms Pulse 0.01 0.10 %/W For LD1117/A-ADJ PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Reference Voltage VREF VIN-VOUT=2V, IOUT=10mA, TJ=25°C 1.225 1.25 1.275 V Reference Voltage VREF VIN-VOUT=1.4 to 10V LD1117 : IOUT=10~800mA LD1117A : IOUT=10~1000mA 1.225 1.25 1.275 V Line Regulation ΔVOUT VIN-VOUT=1.5 to 13.75V, IOUT=10mA 0.035 0.2 % Load Regulation ΔVOUT VIN-VOUT=3V LD1117 : IOUT=10~800mA LD1117A : IOUT=10~1000mA 0.1 0.4 % Temperature stability ΔVOUT 0.50 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN 15 V Adjustment Pin Current IADJ VIN≤15V 60 120 μA Adjustment Pin Current Change ΔIADJ VIN-VOUT=1.4 to 10V, LD1117 : IOUT=10 ~ 800mA LD1117A : IOUT=10 ~ 1000mA 1 5 μA Minimum Load Current IO(MIN) VIN=15V 2 5 mA Current Limit ILIMIT VIN-VOUT=5V, TJ=25°C LD1117 800 mA LD1117A 1000 Output Noise (%VO) eN B=10Hz to 10KHz, TJ=25°C 0.003 % Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN-VOUT=3V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT=100mA 1.00 1.10 V IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 IOUT=1A 1.20 1.30 Thermal Regulation TA=25°C, 30ms Pulse 0.01 0.10 %/W |
Número de pieza similar - LD1117-AL-XX-TF3-C-T |
|
Descripción similar - LD1117-AL-XX-TF3-C-T |