Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS5380-G Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza LS5380-G
Descripción Electrónicos  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5380-G Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS5380-G Datasheet HTML 1Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 2Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 3Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 4Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 5Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 6Page - Siemens Semiconductor Group LS5380-G Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Diffused
Wide-Angle LED
LS 5380, LY 5380, LG 5380
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 5380-FJ
LS 5380-G
LS 5380-H
LS 5380-J
LS 5380-HL
super-red
red diffused
1.0 … 8.0
1.6 … 3.2
2.5 … 5.0
4.0 … 8.0
2.5 … 20.0
Q62703-Q1452
Q62703-Q1740
Q62703-Q1453
Q62703-Q1454
Q62703-Q1455
LY 5380-GK
LY 5380-H
LY 5380-J
LY 5380-K
LY 5380-HL
yellow
yellow diffused
1.6 … 12.5
2.5 … 5.0
4.0 … 8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q2002
Q62703-Q1457
Q62703-Q2319
Q62703-Q3909
Q62703-Q2003
LG 5380-GK
LG 5380-H
LG 5380-J
LG 5380-K
LG 5380-HL
green
green diffused
1.6 … 12.5
2.5 … 5.0
4.0 … 8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q1463
Q62703-Q2032
Q62703-Q2016
Q62703-Q3189
Q62703-Q3825
Besondere Merkmale
q
eingefärbtes, diffuses “Low Profile”-Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused “Low Profile”-package
q
for use as optical indicator
q
solder leads without stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Número de pieza similar - LS5380-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301 Datasheet
174Kb / 1P
   VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS5301 MICROSS-LS5301 Datasheet
283Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
   N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
285Kb / 1P
   N-CHANNEL JFET
More results

Descripción similar - LS5380-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com