Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3500G-XX-AE3-R Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza UC3500G-XX-AE3-R
Descripción Electrónicos  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AE3-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3500G-XX-AE3-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 9Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 10Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-072.E
PRINCIPLE OF OPERATION
The UTC UC3500 consists of a Band-Gap reference voltage source, error amplifier, VFM control logic core,
oscillator, VLX limiter amplifier, N-channel MOSFET switching transistor and output voltage divider network.
The device compares the Band-Gap reference voltage with the feedback voltage from the output through divider
network. In TON phase, the energy is transferred from the battery to the inductor. The switch is turned off after a
maximum on time set to 2.5µs. In TOFF phase, the energy stored in the inductor is transferred to the load. This
process is continuously performed to ensure stable output voltage. Until the output voltage reaches the expected
value.
Therefore, in case of light load, the device works in PFM mode. In heavy load condition, the device works in
continuous mode, the frequency range up to a maximum 150 KHz set by the built in oscillator. In over current
conditions, the Ton time is shorted; the switching frequency will be higher than 150 KHz.
TYPICAL APPLICATION CIRCUIT
RECONMMENDED COMPONENTS
L
D
CIN
COUT
47μH (Sunida CD54 Fosc=500kHz)
MA737, or MBRM110L
10V 4.7μF (Tantalum)
16V 47μF (Tantalum)


Número de pieza similar - UC3500G-XX-AE3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results

Descripción similar - UC3500G-XX-AE3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3500 UTC-UC3500_09 Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com