Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC3550 Datasheet(PDF) 1 Page - Unisonic Technologies |
|
UC3550 Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 9 page UNISONIC TECHNOLOGIES CO., LTD UC3550 CMOS IC www.unisonic.com.tw 1 of 9 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-082,C PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION The UTC UC3550 series is a compact, high efficiency, step-up DC/DC controllers includes an error amplifier, oscillator, PWM comparator, skip cycle comparator, voltage reference, soft-start, and high speed lower ON-resistance driver for driving external power devices (NMOS or NPN) ,Additionally, a CE (chip enable) function that reduces power consumption during shut-down mode. That typically operated from a single-or dual-cell battery packs. It have a driver pin ,ext pin, for connecting to an external transistor(NMOS or NPN). a lower ON-resistance external transistor can obtain larger output current. With only external components, this series allow a simple means to accommodate high output current applications. The UTC UC3550 series goes automatically into skip switching cycles under light load condition to maintain high efficiency. FEATURES * Input Voltage Range:0.9~8V * Output Voltage Range:1.8~6V Programmable in 0.1V with High Accuracy ± 2.5% * High Efficiency 88% (Typ.) * Low Start-up Voltage of 0.9V Typical at IOUT = 1.0mA * Oscillator Frequency: 300kHz.(±20%) * Chip Enable Pin with Pull-up Current Source * High Output Current up to 1000mA (VIN = 2.0V, VOUT =3.3V) SOT-25 4 5 3 2 1 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free UC3550L-xx-AF5-R UC3550G-xx-AF5-R SOT-25 Tape Reel |
Número de pieza similar - UC3550_11 |
|
Descripción similar - UC3550_11 |