Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS5480-K Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza LS5480-K
Descripción Electrónicos  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5480-K Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LS5480-K Datasheet HTML 1Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 2Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 3Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 4Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 5Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 6Page - Siemens Semiconductor Group LS5480-K Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
LR 5480, LS 5480, LY 5480
LG 5480


Número de pieza similar - LS5480-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LS5480-K SIEMENS-LS5480-K Datasheet
67Kb / 1P
   T1 (5mm) LED LAMP
More results

Descripción similar - LS5480-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com