Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC4051BQ Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74HC4051BQ Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 31 page 74HC_HCT4051 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 13 December 2011 10 of 31 NXP Semiconductors 74HC4051; 74HCT4051 8-channel analog multiplexer/demultiplexer ICC supply current VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 6.0 V - - 8.0 A VCC = 10.0 V - - 16.0 A CI input capacitance - 3.5 - pF Csw switch capacitance independent pins Yn - 5 - pF common pins Z - 25 - pF Tamb = 40 Cto+85 C VIH HIGH-level input voltage VCC = 2.0 V 1.5 - - V VCC = 4.5 V 3.15 - - V VCC = 6.0 V 4.2 - - V VCC = 9.0 V 6.3 - - V VIL LOW-level input voltage VCC = 2.0 V - - 0.5 V VCC = 4.5 V - - 1.35 V VCC = 6.0 V - - 1.8 V VCC = 9.0 V - - 2.7 V II input leakage current VEE = 0 V; VI =VCC or GND VCC = 6.0 V - - 1.0 A VCC = 10.0 V - - 2.0 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 1.0 A all channels - - 4.0 A IS(ON) ON-state leakage current VI =VIH or VIL; VSW =VCC VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 -- 4.0 A ICC supply current VEE = 0 V; VI =VCC or GND; Vis =VEE or VCC; Vos =VCC or VEE VCC = 6.0 V - - 80.0 A VCC = 10.0 V - - 160.0 A Tamb = 40 C to +125 C VIH HIGH-level input voltage VCC = 2.0 V 1.5 - - V VCC = 4.5 V 3.15 - - V VCC = 6.0 V 4.2 - - V VCC = 9.0 V 6.3 - - V VIL LOW-level input voltage VCC = 2.0 V - - 0.5 V VCC = 4.5 V - - 1.35 V VCC = 6.0 V - - 1.8 V VCC = 9.0 V - - 2.7 V Table 7. Static characteristics for 74HC4051 …continued Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins Yn or Z, whichever is assigned as an input. Vos is the output voltage at pins Z or Yn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit |
Número de pieza similar - 74HC4051BQ |
|
Descripción similar - 74HC4051BQ |