Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N31M(TB)-V Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

No. de pieza 4N31M(TB)-V
Descripción Electrónicos  6 PIN PHOTODARLINGTON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N31M(TB)-V Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 4N31M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 4N31M(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
7
http://www.everlight.com
Document No:DPC-0000021
Rev. 1
February 5, 2009
TIL113
4NXX Series
H11BX Series
VCC
Figure 7. Switching Time Test Circuit & Waveforms
Order Information
Part Number
4NXXY(Z)-V
or
H11BXY(Z)-V
or
TIL113Y(Z)-V
Note
XX = Part No. for 4NX series (29, 30, 31, 32 or 33)
X
= Part No. for H11BX series (1, 2, 3 or 255)
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE safety (optional)
Option
Description
Packing quantity
None
Standard DIP-6
65 units per tube
M
Wide lead bend (0.4 inch spacing)
65 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel
IF
IC
RL
RIN
Output
Input
Input
Pulse
10%
Output
Pulse
90%
tr
tf
ton
toff


Número de pieza similar - 4N31M(TB)-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CT Micro International ...
4N31MT1 CTMICRO-4N31MT1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N31MT1-G CTMICRO-4N31MT1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N31MT2 CTMICRO-4N31MT2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N31MT2-G CTMICRO-4N31MT2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
logo
Everlight Electronics C...
4N31MTA-V EVERLIGHT-4N31MTA-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

Descripción similar - 4N31M(TB)-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com