Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBD2030-HF Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBD2030-HF
Descripción Electrónicos  Chip Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD2030-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBD2030-HF Datasheet HTML 1Page - Comchip Technology CDBD2030-HF Datasheet HTML 2Page - Comchip Technology CDBD2030-HF Datasheet HTML 3Page - Comchip Technology CDBD2030-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
voltage
Maximum forward
IF=10.0A
Maxium Forward surge current, 8.3ms
singlehalf sine-wave superimposed on
rate load (JEDEC method)
VR=VRRM TA=25°C
TA=100°C
VR=VRRM
Page 1
QW-JB014
Chip Schottky Barrier Rectifier
REV:A
Comchip Technology CO., LTD.
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJc
TJ
20
20
14
40
40
28
60
60
42
20.0
0.75
150
0.5
50
2.0
80
80
56
150
150
105
V
V
V
A
V
A
mA
°C/W
°C
0.55
1.00
Operating temperature
Storage temperature
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
Features
-Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
-Low profile surface mounted application in order to
optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Dimensions in inches and (millimeters)
D2PAK
Reverse Voltage: 20 to 200 Volts
Forward Current: 20.0 Amp
RoHS Device
CDBD2020-HF Thru. CDBD20200-HF
Mechanical data
2020-HF
CDBD
2040-HF
CDBD
2050-HF
CDBD
2060-HF
CDBD
2080-HF
CDBD
20150-HF
CDBD
50
50
35
Junction to Case
0.402(10.20)
0.386(9.80)
0.192(4.8)
0.176(4.4)
0.370(9.40)
0.354(9.00)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.055(1.40)
0.024(0.60)
0.016(0.40)
0.055(1.40)
0.047(1.20)
0.185(4.70)
0.169(4.30)
0.012(0.30)
0.004(0.10)
0.108(2.70)
0.092(2.30)
0.046(1.20)
0.032(0.80)
Case: TO-263/D2PAK, molded plastic.
-
Terminals: solderable per MIL-STD-750,
-
method 2026.
Polarity: Indicated by cathode band.
-
-Weight:1.46 gram(approx.).
Weunting Position: Any
-
30
30
21
2030-HF
CDBD
100
100
70
20100-HF
CDBD
20200-HF
CDBD
200
200
140
0.85
IR
mA
PIN 1
PIN 3
PIN 2
2
1
3
45
45
31.5
2045-HF
CDBD
Maximum Forward rectified current
(See fig. 1)
MaximumReverse
current
Typ.Thermal
resistance
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Halogen Free


Número de pieza similar - CDBD2030-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBD2030-G COMCHIP-CDBD2030-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
More results

Descripción similar - CDBD2030-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com