Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBFN150-HF Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBFN150-HF
Descripción Electrónicos  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFN150-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBFN150-HF Datasheet HTML 1Page - Comchip Technology CDBFN150-HF Datasheet HTML 2Page - Comchip Technology CDBFN150-HF Datasheet HTML 3Page - Comchip Technology CDBFN150-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Voltage: 20 to 100 Volts
Current: 1.0 Amp
RoHS Device
Page 1
REV:B
CDBFN120-HF Thru CDBFN1100-HF
Dimensions in inches and (millimeter)
QW-JB001
SOD-323
SMD Schottky Barrier Rectifiers
Comchip Technology CO., LTD.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Maximum RMS voltage
Continuous reverse voltage
Maximum forward voltage @IF=1.0A
Forward rectified current
Forward surge current, 8.3ms half sine wave
superimposed on rated load (JEDEC method)
Typ. thermal resistance, junction to ambient air
Typ. diode junction capacitance (Note 1)
Operating junction temperature
Storage temperature
CDBFN
120-HF
VRRM
VRMS
VR
VF
IO
IFSM
IR
RθJA
CJ
TJ
TSTG
20
14
20
30
21
30
40
28
40
1.0
30
0.5
10
90
120
50
35
50
60
42
60
0.55
0.70
-55 to +125
-55 to +150
V
V
V
V
A
A
mA
Note 1: f=1MHz and applied 4V DC reverse voltage.
-65 to +175
Features
-Batch process design, excellent powe
Mechanical data
-Weight:0.008 gram(approx.).
dissipation offers better reverse leakage current.
-Low profile surface mounted application
in order to optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage dorp.
-High surge capability.
-Guardring for overvoltage protection.
-Very iny plastic SMD package.
-Ultra high-speed switching.
-Silicon epitaxial planarchip, metal silicon junction.
-Lead-free parts meet environmental
standards of MIL-STD-19500 /228
-Case: JEDEC SOD-323, Molded plastic
-Terminals: Solde plated, solderable per
MIL-STD-750, method 2026.
-Polarity: Indicated by cathode band.
-Mounting position: Any
Reverse current on VR=VRRM @TA=25°C
@TA=125°C
CDBFN CDBFN CDBFN CDBFN
160-HF
150-HF
140-HF
130-HF
pF
°C
°C
°C/W
Maximum Ratings (at TA=25°C unless otherwise noted)
80
56
80
100
70
100
CDBFN CDBFN
1100-HF
180-HF
0.85
0.012(0.3) Typ.
0.016(0.4) Typ.
0.016(0.4) Typ.
0.106 (2.70)
0.091 (2.30)
0.057 (1.45)
0.041 (1.05)
0.047 (1.2)
0.031 (0.8)
Halogen free


Número de pieza similar - CDBFN150-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBFN150-HF COMCHIP-CDBFN150-HF Datasheet
166Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Descripción similar - CDBFN150-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com