Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL-10A-C-P05-30-E30-EU Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

No. de pieza SL-10A-C-P05-30-E30-EU
Descripción Electrónicos  No UV or IR light radiation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SL-10A-C-P05-30-E30-EU Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  SL-10A-C-P05-30-E30-EU Datasheet HTML 1Page - Everlight Electronics Co., Ltd SL-10A-C-P05-30-E30-EU Datasheet HTML 2Page - Everlight Electronics Co., Ltd SL-10A-C-P05-30-E30-EU Datasheet HTML 3Page - Everlight Electronics Co., Ltd SL-10A-C-P05-30-E30-EU Datasheet HTML 4Page - Everlight Electronics Co., Ltd SL-10A-C-P05-30-E30-EU Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LifecyclePhase:
Revision
: 5
Expired Period: Forever
Release Date:2011-06-10 13:26:42.0
DATASHEET
RETROFIT
GU10
4
Copyright © 2010, Everlight All Rights Reserved.
Release Date : Jan.06.2011
Issue No: DBM-0000121
Luminance and Technical Data
Product Name
SL-10A/C/P05/30/E30/EU
SL-10A/C/P05/30/E30/US
SL-10A/C/P05/30/E50/EU/ZN
SL-10A/C/P05/30/E50/US/ZN
Product Family
Retrofit
Retrofit
Main Use
Office, commercial, residential and hospitality
lighting
Office, commercial, residential and hospitality
lighting
InputVoltage/
Frequency
100 – 240VAC / 50 – 60Hz
100 – 240VAC / 50 – 60Hz
Power
Consumption
5W
5W
Dim ability
No
No
Mechanical
Dimensions
Ø50 * 55.7 mm
Ø50 * 55.7 mm
Maximum Weight
65g
65g
Light Color
Warm white / 3000K
Daylight white / 5000K
Luminous Flux
(Typ)
180lm
200lm
CBCP (cd)
420
425
Beam Angle
30
°
30
°
CRI
> 80
> 80
Storage Temperature
-30℃ – +80℃
-30℃ – +80℃
Luminous Flux measurement tolerance: ±10%
Light Intensity Distribution
Installation Instructions and Warnings
Do not open - no user serviceable parts inside.
Turn off power before inspection, installation, or removal.
Do not use in totally enclosed fixtures.
Not for use where exposed the weather.
Not intended for use with emergency exit fixtures or emergency lights.


Número de pieza similar - SL-10A-C-P05-30-E30-EU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
SL-105-T-12 SAMTEC-SL-105-T-12 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-108-G-12 SAMTEC-SL-108-G-12 Datasheet
118Kb / 1P
   ASSEMBLY SOCKET STRIP
More results

Descripción similar - SL-10A-C-P05-30-E30-EU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
SL-16D EVERLIGHT-SL-16D Datasheet
363Kb / 6P
   No UV or IR light radiation
SL-16E EVERLIGHT-SL-16E Datasheet
285Kb / 5P
   No UV or IR light radiation
SL-60A EVERLIGHT-SL-60A Datasheet
294Kb / 6P
   No UV or IR light radiation
OL-DANGLE-FRAME EVERLIGHT-OL-DANGLE-FRAME Datasheet
308Kb / 3P
   No UV light radiation
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
Hamamatsu Corporation
L7893 HAMAMATSU-L7893 Datasheet
202Kb / 2P
   UV-VIS FIBER LIGHT SOURCE
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
S2592 HAMAMATSU-S2592 Datasheet
132Kb / 4P
   Si photodiode Thermoelectrically cooled photodiode for low-light-level detection in UV to near IR
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com