Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBMH230-HF Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBMH230-HF
Descripción Electrónicos  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMH230-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMH230-HF Datasheet HTML 1Page - Comchip Technology CDBMH230-HF Datasheet HTML 2Page - Comchip Technology CDBMH230-HF Datasheet HTML 3Page - Comchip Technology CDBMH230-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBQR40-HF
SMD Schottky Barrier Diode
QW-G1100
Page 1
REV:B
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
IO
VR(RMS)
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
mA
V
V
V
200
28
40
40
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
0.6
PD
Power dissipation
mW
125
TSTG
Tj
Storage temperature
Junction temperature
OC
OC
+125
+125
-65
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
IF = 40mA
IF = 1mA
VF
V
1
0.38
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Reverse current
Capacitance between terminals
Reverse recovery time
VR = 30V
f = 1 MHz, and 0 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 ohm
IR
CT
Trr
uA
pF
nS
5
5
0.2
Comchip Technology CO., LTD.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
0402/SOD-923F
Features
-Low reverse current.
-Designed for mounting on small surface.
-Extremely thin / leadless package.
-Majority carrier conduction.
Mechanical data
-Case: 0402/SOD-923F standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code: cathode band & BC
-Mounting position: Any.
-Weight: 0.001 gram(approx.).
Io = 200 mA
VR = 40 Volts
RoHS Device
Halogen Free


Número de pieza similar - CDBMH230-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBMH230-HF COMCHIP-CDBMH230-HF Datasheet
78Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Descripción similar - CDBMH230-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com