Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA42 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

No. de pieza PZTA42
Descripción Electrónicos  NPN Silicon High-Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZTA42 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PZTA42 Datasheet HTML 1Page - Siemens Semiconductor Group PZTA42 Datasheet HTML 2Page - Siemens Semiconductor Group PZTA42 Datasheet HTML 3Page - Siemens Semiconductor Group PZTA42 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
PZTA 42
PZTA 43
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
PZTA 42
PZTA 43
V(BR)CE0
300
200
nA
nA
µA
µA
Collector-base cutoff current
VCB = 200 V
PZTA 42
VCB = 160 V
PZTA 43
VCB = 200 V, TA = 150 ˚C
PZTA 42
VCB = 160 V, TA = 150 ˚C
PZTA 43
ICB0
100
100
20
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Emitter-base breakdown voltage
IE = 100
µA, IC = 0
V(BR)EB0
6––
V
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
PZTA 42
PZTA 43
VCEsat
0.5
0.4
hFE
25
40
40
MHz
Transition frequency
IC = 20 mA, VCE = 10 V, f = 100 MHz
fT
–70
AC characteristics
pF
Collector-base capacitance
VCB = 20 V, f = 1 MHz
PZTA 42
PZTA 43
Cobo
3
4
Collector-base breakdown voltage
IC = 100
µA, IB = 0
PZTA 42
PZTA 43
V(BR)CB0
300
200
nA
Emitter-base cutoff current
VEB = 3 V, IC = 0
IEB0
100
Base-emitter saturation voltage
IC = 20 mA, IB = 2 mA
VBEsat
0.9
1)
Pulse test conditions: t
300 µs, D = 2 %.


Número de pieza similar - PZTA42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Continental Device Indi...
PZTA42 CDIL-PZTA42 Datasheet
209Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Goodwork Semiconductor ...
PZTA42 GWSEMI-PZTA42 Datasheet
784Kb / 3P
   Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
PZTA42 FAIRCHILD-PZTA42 Datasheet
657Kb / 14P
   NPN High Voltage Amplifier
logo
GUANGDONG HOTTECH INDUS...
PZTA42 HOTTECH-PZTA42 Datasheet
188Kb / 2P
   Plastic-Encapsulate Transistors
More results

Descripción similar - PZTA42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com