Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5-24 Datasheet(PDF) 1 Page - PowerVolt Inc.

No. de pieza SM5-24
Descripción Electrónicos  Slot Machine Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERVOLT [PowerVolt Inc.]
Página de inicio  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

SM5-24 Datasheet(HTML) 1 Page - PowerVolt Inc.

  SM5-24 Datasheet HTML 1Page - PowerVolt Inc. SM5-24 Datasheet HTML 2Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Machine Transformers
Series: SM
Especially designed for Pachislo, Pachinko and domestic slot-
machines
5Amp, 6Amp and 8Amp models
Thermal cut-out protects from short-circuit or overload
- One-shot thermal cut-out (TCO)
- Auto-resetable thermal cut-out (RTCO)
UL, CSA and CE pending
Transformer is the "heart" of your game. It must provide enough power for the machine to operate with bright lights
and good quality sounds. Under normal operation, transformer should never over heat. The conservative design of
our series SM transformers assures you of best performance.
Schematics
In case of abnormal operation such as overload or short circuit in the game,
the models fitted with thermal cut-out will protect against any damage.
With one-shot cut-out, the transformer must be replaced, after it trips.
However, the resetable cut-out will reset automatically after the
transformer cools down and the game is ready to play again within a few
minutes.
Designed and manufactured in Illinois/USA, we have complete control on
quality and on-time delivery.
Standard Models
DIMENSIONS
Part Number
Input
Volts
Output
Volts
Current
Amps
L
W
H
ML
MW
WGT
Lbs
SM 5-24
115
24
5
4.031"
2.25"
2.563"
3.563"
-
2.75
SM 6-24
SM 6-24-TC
SM 6-24-RTC
115
24
6
2.81"
2.87"
3.37"
2.25"
2.50"
4.1
SM 8-24
SM 8-24-TC
SM 8-24-RTC
115
24
8
3.12"
2.87"
3.75"
2.50"
2.50"
5.5
TC: One-shot thermal cut-out;
RTC: Auto-resetable thermal cut-out.
300 Factory Road, Addison IL 60101
Phone: (630) 628-9999 Fax: (630) 628-9922 WWW.POWERVOLT.COM


Número de pieza similar - SM5-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SM5 ETC-SM5 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
logo
Shanghai Shunye Electro...
SM5 SY-SM5 Datasheet
1Mb / 4P
   VOLTAGE 5 to 36 Volts WATT 300 Watts
logo
List of Unclassifed Man...
SM5 ETC-SM5 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
More results

Descripción similar - SM5-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BOWIN ELECTRONIC CO.
LS6106 BOWIN-LS6106 Datasheet
108Kb / 8P
   Game (slot machine)
LS6025 BOWIN-LS6025 Datasheet
100Kb / 7P
   Game (slot machine) AND
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com