Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z0107MUF2AL2 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza Z0107MUF2AL2
Descripción Electrónicos  Standard 1A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MUF2AL2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button Z0107MUF2AL2 Datasheet HTML 4Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 5Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 6Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 7Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 8Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 9Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 10Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 11Page - STMicroelectronics Z0107MUF2AL2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Packaging information
Z01
10/12
Doc ID 7474 Rev 10
Figure 17.
Footprint and connectors for SOT-223 or SMBflat-3L (dimensions in mm)
SOT-223
SOT-223
SOT-223
SOT-223
SMBF3L
SMBF3L
SMBF3L
3.42
3.25
2.92
0.95
2.30
1.10
0.85
1.20
1.20
1.08
1.35
1.08
1.30
5.84
Solder resist
Solder lands
Solder paste
Connector line


Número de pieza similar - Z0107MUF2AL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
Z0107MUF STMICROELECTRONICS-Z0107MUF Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
More results

Descripción similar - Z0107MUF2AL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com