Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM60510-117 Datasheet(PDF) 10 Page - Molex Electronics Ltd. |
|
AM60510-117 Datasheet(HTML) 10 Page - Molex Electronics Ltd. |
10 / 39 page Hawk Discrete Wire Termination Machine Order No TM-011200949 Release Date: 02-16-97 UNCONTROLLED COPY Page 10 of 39 Revision: D Revision Date: 03-03-11 SET SCREW AND LOCK NUT Figure 2-4 CLEVIS JAM NUT Figure 2-5 3. Then adjust the location shuttle adjustment base by turning the set screw on the edge of the stop block located to the right. Hold the connector against the shuttle blade while making this adjustment. Turning the set screw “in” moves the connector to the right and “out” moves it to the left. See Figure 2-4. 4. Tighten the cap screws. 2.4 Termination Depth Adjustment Termination depth is set by: 1. Loosening the lock nut located on top of the termination head. 2. To raise the punch depth, turn the screw clockwise. To lower, turn the screw counter- clockwise. The punch depth should be adjusted so that a terminated wire is touching the lower surface of the terminal, but is not crushed and the crimp tongs are securely gripping the wire without cutting into the insulation. See Appendix A for termination specifications. 3. Terminate a wire and check the settings. 4. Repeat steps 2 and 3 until the termination depth is correct. 5. Then tighten the lockout. 2.5 Punch Up Adjustment Termination punches should be adjusted so that the bottom of the punch is about .015 - .020 inch above the top of the terminals. To adjust the punch: 1. Loosen the jam nut on the clevis attached to the crimp and termination cylinder rod end. 2. Turning the rod end clockwise lowers the punches and counterclockwise raises them. The rod end can be turned with the jam nut by turning the jam nut down snug against the end of the threads on the rod. Then turn off the air supply and turn the jam nut to adjust. See Figure 2-5. 3. Turn the air back on to check punch height 4. Retighten the jam nut to clevis. 2.6 Programming The Controller On the front of the base there is a pair of thumb wheels. These set the counter to the correct circuit size for the connector. Example: a 3-circuit connector would be set at .03”. 2.7 Safety Precautions The following safety precautions should be taken before operating the terminator. 1. Check that the work area is well lighted. Adjust work light for best visibility. 2. Check that the area is clean and free of debris. Check that no tools have been left in the machine or work area. NEVER operate in areas of excess moisture. |
Número de pieza similar - AM60510-117 |
|
Descripción similar - AM60510-117 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |