Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51921 Datasheet(PDF) 8 Page - Cyrustek corporation

No. de pieza ES51921
Descripción Electrónicos  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51921 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51921_10 Datasheet HTML 4Page - Cyrustek corporation ES51921_10 Datasheet HTML 5Page - Cyrustek corporation ES51921_10 Datasheet HTML 6Page - Cyrustek corporation ES51921_10 Datasheet HTML 7Page - Cyrustek corporation ES51921_10 Datasheet HTML 8Page - Cyrustek corporation ES51921_10 Datasheet HTML 9Page - Cyrustek corporation ES51921_10 Datasheet HTML 10Page - Cyrustek corporation ES51921_10 Datasheet HTML 11Page - Cyrustek corporation ES51921_10 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Ver. 3.2
10/06/23
8
ES51921
22,000 Counts Auto DMM
1.1.4 The true RMS-to-DC conversion with ES636
If ES636 is used for true RMS-to-DC measurement, the test circuit is shown in Figure 1.
Make ADO and ADI pin short, and TEST5 pin keeps float. Connect OVSG pin to
AGND through a switch in ACV measurement mode. If the DCV and ACV
measurement modes are in the same rotary switch, please also add this switch in the
rotary switch. The configuration of this switch will not influence the precision of DCV
measurement.
Figure 1. The true RMS-to-DC conversion with ES636
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
1.111M
101K
10K
1K
100
ACV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2.2u
+
+Vs
+Vs
-Vs
500K
100K
150
-Vs
2.2u
+
20k
AGND
10u
1k
+


Número de pieza similar - ES51921_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
More results

Descripción similar - ES51921_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com