Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51955 Datasheet(PDF) 1 Page - Cyrustek corporation

No. de pieza ES51955
Descripción Electrónicos  Dual Display/Inrush
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51955 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51955 Datasheet HTML 1Page - Cyrustek corporation ES51955 Datasheet HTML 2Page - Cyrustek corporation ES51955 Datasheet HTML 3Page - Cyrustek corporation ES51955 Datasheet HTML 4Page - Cyrustek corporation ES51955 Datasheet HTML 5Page - Cyrustek corporation ES51955 Datasheet HTML 6Page - Cyrustek corporation ES51955 Datasheet HTML 7Page - Cyrustek corporation ES51955 Datasheet HTML 8Page - Cyrustek corporation ES51955 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
v2.3
10/06/25
1
ES51955(5000counts)
Dual Display/Inrush
Features
• 5000 counts dual LCD display
• 128L QFP package
• 3V DC power supply
• ADC Conversion rate : 3.3 times/s
• Full automatic measurement
*Voltage measurement: 500.0mV – 1000V
*Current measurement: 50.00A/500.0A,
500A/5000A
*Flame rod DCuA mode measurement:
500.0uA/5000uA both manual ranges
*Smart auto check for R/S/D/C mode
Resistance: 500.0Ω~5.000MΩ
Capacitance: 5.000nF~500.0uF
(Taiwan patent no.: 326361)
*Not contact AC electric field detection
*Frequency mode active on sub-display for ACA
500.0Hz ~ 5000Hz
*Resistance measurement: 500.0Ω – 50.00MΩ
*Capacitance measurement:
5.000nF – 50.00mF
(Taiwan patent no.: 323347, 453443)
*Frequency counter with duty cycle display:
500.0Hz – 50.00MHz
5% – 95% (< 10kHz)
• ZERO function for DCA mode
• Voltage high crest factor detection
(Taiwan patent no.: 234661)
• Voltage & Current measured simultaneously
ACV+ACA, DCV+DCA
• Diode measurement & continuity check
• Auto range temperature mode(500.0 0C /5000 0C)
• Temperature mode with internal scale translation
circuit from 0C to 0F
• Push functions:
*Single Select key operation:
Zero for DCA
Hz for ACA
*Range change function
*Inrush function: ACA clampmeter only
*Data hold function
*Back light function
*Semi-auto Calibration Operation
(Taiwan patent no.: 367334)
• Low pass filter for ACA measurement
• Band-gap reference voltage output
• CE selection (DC/AC 1010V, DC/AC 610V)
• LCD segment check when power on
• Auto power off (30min/15min)
• Sleep state indicative signal output
• Re-power on
• On-chip buzzer driver
• High Voltage (HV) danger indication
• Low battery multi-level detection
Description
ES51955 is an integrated analog-to-digital
converter (ADC) with dual 5,000-count LCD
display, which 4-digit main-display (AC/DC
Voltage) and 4-digit sub-display (AC/DC
Current), automatic range selection, and 3V
DC power supply. ES51955 could be
designed for a clamp-meter with V & A
measurement
simultaneously.
Automatic
range selection is provided for voltage
(AC/DC)
measurement,
resistance
measurement,
current
measurement,
capacitance measurement, and frequency
counter.
Other
features
include
inrush
function, offset removing feature for DCA
clampmeter,
data
holding,
duty
cycle
measurement,
diode
measurement,
temperature
measurement,
continuity
checking, multi-level low battery detection,
auto power off, re-power on, backlight driver,
and buzzer output driver.


Número de pieza similar - ES51955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51950 CYRUSTEK-ES51950 Datasheet
631Kb / 32P
   Dual Display/Cap
More results

Descripción similar - ES51955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com