Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51955 Datasheet(PDF) 10 Page - Cyrustek corporation

No. de pieza ES51955
Descripción Electrónicos  Dual Display/Inrush
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51955 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51955 Datasheet HTML 6Page - Cyrustek corporation ES51955 Datasheet HTML 7Page - Cyrustek corporation ES51955 Datasheet HTML 8Page - Cyrustek corporation ES51955 Datasheet HTML 9Page - Cyrustek corporation ES51955 Datasheet HTML 10Page - Cyrustek corporation ES51955 Datasheet HTML 11Page - Cyrustek corporation ES51955 Datasheet HTML 12Page - Cyrustek corporation ES51955 Datasheet HTML 13Page - Cyrustek corporation ES51955 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
v2.3
10/06/25
10
ES51955(5000counts)
Dual Display/Inrush
The semi-auto calibration scheme supports the following seven measurement modes. When
CAL_EN pin is active, set the proper function switches and push SEL key to choose the
target measurement mode. When mode is selected, the LCD segment of Unit at related
measurement will be blinking.
Mode
Default range for CAL
Remark
DC Voltage measurement
AC Voltage measurement
5.000V
Accuracy of other
ranges is guaranteed by
external resistor
DC Current measurement
AC Current measurement
50.00A or 500.0A or 5000A
Lower range in auto
ACA mode
DC uA measurement
500uA or 5000uA
-
Capacitor measurement
50.00nF
Set CAL_nF to V-
Temperature measurement
500.0oC or 5000 oC
Lower range in Auto
Temperature mode
After calibration procedure is finished, set the ES51955 to OFF-state and set CAL_EN
to DGND to return to normal operation after re-power on.
2.2. Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full-scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
1VR1
500.0mV
1
VR1 (10MΩ)
VR2
5.000V
1/10
VR2 (1.111MΩ)
VR3
50.00V
1/100
VR3 (101KΩ)
VR4
500.0V
1/1000
VR4 (10.01KΩ)
VR5
1000V
1/10000
VR5 (1KΩ)
Note:
1.
500.0mV range only exists in manual mode.
2.2.1 CE selection & high voltage (HV) indication
ES51955 has a CE selection feature archived by configuring the pin CESEL. In automatic voltage mode,
ES51955 will show OL when the voltage is over than the overflow level. If CESEL is connected to V- or
DGND, ES51955 will have a 610.0V or 1010V overflow level in voltage mode relatively.. The configuration
of CESEL is listed below.
For fully automatic voltage modes:
CESEL
DCV
ACV
V-
610V
610V
DGND or floating
1010V
1010V


Número de pieza similar - ES51955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51950 CYRUSTEK-ES51950 Datasheet
631Kb / 32P
   Dual Display/Cap
More results

Descripción similar - ES51955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com