Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51983 Datasheet(PDF) 9 Page - Cyrustek corporation

No. de pieza ES51983
Descripción Electrónicos  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES51983_11 Datasheet HTML 5Page - Cyrustek corporation ES51983_11 Datasheet HTML 6Page - Cyrustek corporation ES51983_11 Datasheet HTML 7Page - Cyrustek corporation ES51983_11 Datasheet HTML 8Page - Cyrustek corporation ES51983_11 Datasheet HTML 9Page - Cyrustek corporation ES51983_11 Datasheet HTML 10Page - Cyrustek corporation ES51983_11 Datasheet HTML 11Page - Cyrustek corporation ES51983_11 Datasheet HTML 12Page - Cyrustek corporation ES51983_11 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
11/01/05
9
ES51983
3 3/4 AUTO DMM
FR1
4.000KHz
FR2
40.00KHz
FR3
400.0KHz
FR4
4.000MHz
FR5
40.00MHz
1.8 Sleep
The meter enters sleep mode after auto power off. The SLEEP pin asserts low (-3V) in
the sleep mode, and asserts high (+3V, not 0V) after re-power on.
1.9 Re-power on
After auto power-off, pushing any of the push function or changing the rotary mode can
turn on the meter again. If the meter is re-powered on by changing the rotary mode, the
saved state is cleared. If the meter is re-powered on by push functions, the chip restores
the saved state and enters HOLD mode. The LCD displays the saved value.
2. Measurement Mode Switching
Measurement mode depends on the logic level of FC1, FC2, FC3, FC4, FC5, and KEY.
When FC5 is HIGH, the measurement modes are listed in the following table.
SLACDC FC1
FC2
FC3
FC4
Mode
Function of KEY
0
1
0
1
1
Voltage Measurement
DCV(initial)
ACV
0
1
1
0
1
Current Measurement(µA)
DCA(initial)
ACA
0
1
1
1
1
Current Measurement(mA)
DCA(initial)
ACA
0
1
0
0
1
Manual
Current Measurement(A)
DCA (initial)
ACA
0
0
0
0
0
Auto Current Measurement(A)
DCA(initial)
1
1
0
1
1
Voltage Measurement
ACV (initial)
DCV
1
1
1
0
1
Current Measurement(µA)
ACA(initial)
DCA
1
1
1
1
1
Current Measurement(mA)
ACA (initial)
DCA
1
1
0
0
1
Manual
Current Measurement(A)
ACA (initial)
DCA
1
0
0
0
0
Auto Current Measurement(A)
ACA (initial)
X
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
X
0
1
0
1
Resistance Measurement
Ω ↔ Diode
X
0
0
0
1
Continuity Check
Continuity Diode
X
0
1
1
1
Resistance Measurement
Ω ↔ Continuity ↔Diode
X
0
0
1
0
Frequency Measurement
X
0
1
0
0
Temperature(℃)


Número de pieza similar - ES51983_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
More results

Descripción similar - ES51983_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com