Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM9010BI Datasheet(PDF) 6 Page - Davicom Semiconductor, Inc.

No. de pieza DM9010BI
Descripción Electrónicos  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAVICOM [Davicom Semiconductor, Inc.]
Página de inicio  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 6 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 10Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
6
Version: DM9010BI--DS-P01
January 12, 2010
3. FEATURES
■ 100-pin LQFP.
■ Supports processor interface: Byte/word/Dword of
I/O command to internal memory data operation
■ Integrated 10/100M transceiver with
HP Auto-MDIX
■ Supports MII and reverses MII interface
■ Supports back pressure mode for half-duplex
mode flow control
■ IEEE802.3x flow control for full-duplex mode
■ Supports wakeup frame, link status change and
magic packet events for remote wake up
Integrated 16K Byte SRAM
Build in 3.3V to 1.8V regulator
Supports early Transmit
Supports IP/TCP/UDP checksum generation and
checking
Supports automatically load vendor ID and
product ID from EEPROM
■ Supports 7 or 23 GPIO pins
■ Optional EEPROM configuration
■ Very low power consumption mode:
– Power reduced mode (cable detection)
– Power down mode
– Selectable TX drivers for 1:1 or 1.25:1
transformers for additional power reduction.
1: 1 transformers only when HP Auto-MDIX
Enable.
Supports Industrial-temperature: -40
°C.~ +85°C
Compatible with 3.3V and 5.0V tolerant I/O


Número de pieza similar - DM9010BI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Davicom Semiconductor, ...
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
More results

Descripción similar - DM9010BI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Davicom Semiconductor, ...
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
   Single Chip Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BI DAVICOM-DM9000BI Datasheet
448Kb / 56P
   Industrial-grade Ethernet Controller with General Processor Interface
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com