Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431BCDBZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431BCDBZT
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCDBZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL431BCDBZT Datasheet HTML 3Page - Texas Instruments TL431BCDBZT Datasheet HTML 4Page - Texas Instruments TL431BCDBZT Datasheet HTML 5Page - Texas Instruments TL431BCDBZT Datasheet HTML 6Page - Texas Instruments TL431BCDBZT Datasheet HTML 7Page - Texas Instruments TL431BCDBZT Datasheet HTML 8Page - Texas Instruments TL431BCDBZT Datasheet HTML 9Page - Texas Instruments TL431BCDBZT Datasheet HTML 10Page - Texas Instruments TL431BCDBZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543L
– AUGUST 2004 – REVISED FEBRUARY 2011
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431BCP
TL431BCP
SC-70 (DCK)
Reel of 3000
TL431BCDCKR
T2_
Reel of 250
TL431BCDCKT
SOIC (D)
Tube of 75
TL431BCD
T431B
Reel of 2500
TL431BCDR
SOP (PS)
Reel of 2000
TL431BCPSR
TL431B
SOT-23-5 (DBV)
Reel of 3000
TL431BCDBVR
T3G_
Reel of 250
TL431BCDBVT
Reel of 3000
TL432BCDBVR
TBC_
Reel of 250
TL432BCDBVT
0
°C to 70°C
SOT-23-3 (DBZ)
Reel of 3000
TL431BCDBZR
T3G_
Reel of 250
TL431BCDBZT
Reel of 3000
TL432BCDBZR
TBC_
Reel of 250
TL432BCDBZT
SOT-89 (PK)
Reel of 1000
TL431BCPK
4C
TL432BCPK
2G
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BCLP
TL431B
Ammo of 2000, formed lead
TL431BCLPM
Reel of 2000, formed lead
TL431BCLPR
TSSOP (PW)
Tube of 150
TL431BCPW
T431B
Reel of 2000
TL431BCPWR
PDIP (P)
Tube of 50
TL431BIP
TL431BIP
SC-70 (DCK)
Reel of 3000
TL431BIDCKR
T3_
Reel of 250
TL431BIDCKT
SOIC (D)
Tube of 75
TL431BID
Z431B
Reel of 2500
TL431BIDR
SOT-23-5 (DBV)
Reel of 3000
TL431BIDBVR
T3F_
Reel of 250
TL431BIDBVT
Reel of 3000
TL432BIDBVR
T4F_
Reel of 250
TL432BIDBVT
-40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL431BIDBZR
T3F_
Reel of 250
TL431BIDBZT
Reel of 3000
TL432BIDBZR
T4F_
Reel of 250
TL432IBDBZT
SOT-89 (PK)
Reel of 1000
TL431BIPK
4I
TL432BIPK
2H
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BILP
Z431B
Ammo of 2000, formed lead
TL431BILPM
Reel of 2000, formed lead
TL431BILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright
© 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


Número de pieza similar - TL431BCDBZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL431BCDBZT TI-TL431BCDBZT Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCDBZT TI1-TL431BCDBZT Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431BCDBZT TI-TL431BCDBZT Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCDBZT TI1-TL431BCDBZT Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431BCDBZT TI-TL431BCDBZT Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Descripción similar - TL431BCDBZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com