Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCM9102RHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCM9102RHBR
Descripción Electrónicos  Low-Noise Two-Channel 100-MHz Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCM9102RHBR Datasheet(HTML) 5 Page - Texas Instruments

  CDCM9102RHBR Datasheet HTML 1Page - Texas Instruments CDCM9102RHBR Datasheet HTML 2Page - Texas Instruments CDCM9102RHBR Datasheet HTML 3Page - Texas Instruments CDCM9102RHBR Datasheet HTML 4Page - Texas Instruments CDCM9102RHBR Datasheet HTML 5Page - Texas Instruments CDCM9102RHBR Datasheet HTML 6Page - Texas Instruments CDCM9102RHBR Datasheet HTML 7Page - Texas Instruments CDCM9102RHBR Datasheet HTML 8Page - Texas Instruments CDCM9102RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CDCM9102
www.ti.com
SCAS922
– FEBRUARY 2012
CRYSTAL-OSCILLATOR INPUT-PORT CHARACTERISTICS (XIN)
VDD = 3.3 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CRYSTAL CHARACTERISTICS (External 25 MHz Crystal)
fXTAL
Crystal input frequency
Fundamental mode
25
MHz
ESR
Effective series resistance of crystal
50
Ω
CIN
On-chip load capacitance
8
10
pF
XTALDL
Maximum drive level - XTAL
0.1
1
mW
CSHUNT
Maximum shunt capacitance
7
pF
CLOCK OUTPUT BUFFER CHARACTERISTICS (OUTPUT MODE = LVPECL)
VDD1, VDD2 = 3.3 V; TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output high voltage
VDD – 1.18
VDD – 0.73
V
VOL
Output low voltage
VDD – 2
VDD – 1.55
V
|VOD|
Differential output voltage
0.6
1.23
V
tR/tF
Output rise/fall time
20% to 80%
175
ps
ODC
Output duty cycle
45%
55%
tSKEW
Skew between outputs
20
ps
CLOCK OUTPUT BUFFER CHARACTERISTICS (OUTPUT MODE = LVDS)
VDD1, VDD2 = 3.3V; TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Differential output voltage
0.247
0.454
V
ΔVOD
VOD magnitude change
50
mV
VOS
Common-mode voltage
1.125
1.375
V
ΔVOS
VOS magnitude change
50
mV
tR/tF
Output rise/fall time
20% to 80%
255
ps
ODC
Output duty cycle
45%
55%
tSKEW
Skew between outputs
30
ps
CLOCK OUTPUT BUFFER CHARACTERISTICS (OUTPUT MODE = LVCMOS)
VDD1, VDD2 = 3.3V; TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output high voltage
VCC = 3 V to 3.6 V, IOH = –100 µA
VDD – 0.5
V
VOL
Output low voltage
VCC = 3 V to 3.6 V, IOH = 100 µA
0.3
V
tSLEW
Output rise/fall slew rate
20% to 80%
2.4
V/ns
ODC
Output duty cycle
45%
55%
tSKEW
Skew between outputs
50
ps
OUTPUT JITTER PERFORMANCE
fOUT = 100 MHz, VDD = 3.3 V, TA = 25°C, jitter integration bandwidth 10 kHz–20 MHz
LVCMOS OUTPUT MODE
LVPECL OUTPUT MODE
LVDS OUTPUT MODE
Random jitter
Period jitter
Random jitter
Period jitter
Random jitter
Period jitter
(fs)
(ps pk-pk)
(fs)
(ps pk-pk)
(fs)
(ps pk-pk)
507
24.5
510
20.7
533
26.5
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCM9102


Número de pieza similar - CDCM9102RHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM9102RHBR TI1-CDCM9102RHBR Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
More results

Descripción similar - CDCM9102RHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Microchip Technology
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com