Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA24C32-D-3 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

No. de pieza SLA24C32-D-3
Descripción Electrónicos  32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C32-D-3 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SLA24C32-D-3 Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 9Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 10Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 11Page - Siemens Semiconductor Group SLA24C32-D-3 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SLx 24C32
Semiconductor Group
8
Preliminary 1998-07-27
The conventions for the serial clock line and the bidirectional data line are shown in
figure 4.
Figure 4
I
2C-Bus Timing Conventions for START Condition, STOP Condition, Data
Validation and Transfer of Acknowledge ACK
Standby
Mode in which the bus is not busy (no serial transmission, no
programming): both clock (SCL) and data line (SDA) are in high
state. The device enters the standby mode after a STOP condition
or after a programming cycle.
START Condition
High to low transition of SDA when SCL is high, preceding all
commands.
STOP Condition
Low to high transition of SDA when SCL is high, terminating all
communications. A STOP condition after writing data initiates an
EEPROM programming cycle. A STOP condition after reading
data from the EEPROM initiates the standby mode.
Acknowledge
A successful reception of eight data bits is indicated by the
receiver by pulling down the SDA line during the following clock
cycle of SCL (ACK). The transmitter on the other hand has to
release the SDA line after the transmission of eight data bits.
The EEPROM as the receiving device responds with an
acknowledge, when addressed. The master, on the other side,
acknowledges each data byte transmitted by the EEPROM and
can at any time end a read operation by releasing the SDA line (no
ACK) followed by a STOP condition.
Data Transfer
Data must change only during low SCL state, data remains valid
on the SDA bus during high SCL state. Nine clock pulses are
required to transfer one data byte, the most significant bit (MSB)
is transmitted first.
12
8
9
1
9
ACK
ACK
START Condition
Data allowed
STOP Condition
to Change
Acknowledge
SCL
SDA
IED02128


Número de pieza similar - SLA24C32-D-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SLA24C01-D SIEMENS-SLA24C01-D Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3 SIEMENS-SLA24C01-D-3 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D-3/P SIEMENS-SLA24C01-D-3/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-D/P SIEMENS-SLA24C01-D/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C01-S SIEMENS-SLA24C01-S Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Descripción similar - SLA24C32-D-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com