Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA4311ADGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TCA4311ADGKR
Descripción Electrónicos  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311ADGKR Datasheet(HTML) 2 Page - Texas Instruments

  TCA4311ADGKR Datasheet HTML 1Page - Texas Instruments TCA4311ADGKR Datasheet HTML 2Page - Texas Instruments TCA4311ADGKR Datasheet HTML 3Page - Texas Instruments TCA4311ADGKR Datasheet HTML 4Page - Texas Instruments TCA4311ADGKR Datasheet HTML 5Page - Texas Instruments TCA4311ADGKR Datasheet HTML 6Page - Texas Instruments TCA4311ADGKR Datasheet HTML 7Page - Texas Instruments TCA4311ADGKR Datasheet HTML 8Page - Texas Instruments TCA4311ADGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TCA4311A
SCPS226 – JANUARY 2011
www.ti.com
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
TCA4311AD
PREVIEW
SOIC – D
–40°C to 85°C
Tape and reel
TCA4311ADR
PREVIEW
MSOP – DGK
Tape and reel
TCA4311ADGKR
6KS
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL FUNCTIONS
SOIC (D) OR MSOP (DGK)
PACKAGE
DESCRIPTION
PIN NUMBER
NAME
Active-high chip enable pin. If EN is low, the TCA4311A is in a low current (<1 mA) mode. It also
disables the rise-time accelerators, disables the bus precharge circuitry, drives READY low, isolates
1
EN
SDAIN from SDAOUT and isolates SCLIN from SCLOUT. EN should be high (at VCC) for normal
operation. Connect EN to VCC if this feature is not being used.
2
SCLOUT
Serial clock output. Connect this pin to the SCL bus on the card.
3
SCLIN
Serial clock input. Connect this pin to the SCL bus on the backplane.
4
GND
Supply ground
Connection flag/rise-time accelerator control. READY is low when either EN is low or the start-up
5
READY
sequence described in the operation section has not been completed. READY goes high when EN is
high and start-up is complete. Connect a 10-k
Ω resistor from this pin to VCC to provide the pull up.
6
SDAIN
Serial data input. Connect this pin to the SDA bus on the backplane.
7
SDAOUT
Serial data output. Connect this pin to the SDA bus on the card.
Supply power. Main input power supply from backplane. This is the supply voltage for the devices on
8
VCC
the backplane I2C busses. Connect pullup resistors from SDAIN and SCLIN (and also from SDAOUT
and SCLOUT) to this pin. Place a bypass capacitor of at least 0.01 mF close to this pin for best results.
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TCA4311A


Número de pieza similar - TCA4311ADGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Descripción similar - TCA4311ADGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com