Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2002C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2002C
Descripción Electrónicos  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2002C Datasheet(HTML) 1 Page - Texas Instruments

  TPS2002C Datasheet HTML 1Page - Texas Instruments TPS2002C Datasheet HTML 2Page - Texas Instruments TPS2002C Datasheet HTML 3Page - Texas Instruments TPS2002C Datasheet HTML 4Page - Texas Instruments TPS2002C Datasheet HTML 5Page - Texas Instruments TPS2002C Datasheet HTML 6Page - Texas Instruments TPS2002C Datasheet HTML 7Page - Texas Instruments TPS2002C Datasheet HTML 8Page - Texas Instruments TPS2002C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
RFLT1
RFLT2
10 kW
10 kW
0.1 F
m
Fault Signals
Control Signals
IN
FLT1
FLT2
EN1 or EN1
EN2 or EN2
OUT 1
OUT 2
GND
Pad
VOUT1
VOUT2
150 F x 2
m
1
2
3
4
5
6
7
8
1
2
3
4
6
7
8
PAD
9
10
5
GND
IN
EN 1 or EN 1
EN 2 or EN 2
FLT 1
FLT 2
OUT 1
OUT 2
EN 1 or EN 1
EN 2 or EN 2
IN
IN
GND
OUT 1
OUT 2
FLT 1
FLT 2
NC
D
(Top View)
DRC
(Top View)
1
2
3
4
5
6
7
8
PAD
GND
IN
EN 1 or EN 1
EN 2 or EN 2
OUT 1
OUT 2
FLT 1
FLT 2
DGN
(Top View)
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
www.ti.com
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
Dual Channel, Current-Limited, Power-Distribution Switches
Check for Samples: TPS2062C, TPS2066C, TPS2060C, TPS2064C, TPS2002C, TPS2003C
1
FEATURES
2
Dual Power Switch Family
Built-in Softstart
Rated Currents of 1 A, 1.5 A, 2 A
Pin for Pin with Existing TI Switch Portfolio
Accurate ±20% Current-limit Tolerance
Ambient Temperature Range: –40°C to 85°C
Fast Overcurrent Response – 2 µs (Typical)
APPLICATIONS
70-m
Ω (Typical) High-Side N-Channel MOSFET
USB Ports/Hubs, Laptops, Desktops
Operating Range: 4.5 V to 5.5 V
High-Definition Digital TVs
Deglitched Fault Reporting (FLTx)
Set Top Boxes
Output Discharge When Disabled
Short-Circuit Protection
Reverse Current Blocking
DESCRIPTION
The TPS20xxC dual power-distribution switch family is intended for applications such as USB where heavy
capacitive loads and short-circuits may be encountered. This family offers multiple devices with fixed current-limit
thresholds for applications between 1 A and 2 A.
The TPS20xxC dual family limits the output current to a safe level by operating in a constant-current mode when
the output load exceeds the current-limit threshold. This provides a predictable fault current under all conditions.
The fast overcurrent response time eases the burden on the main 5 V supply to provide regulated power when
the output is shorted. The power-switch rise and fall times are controlled to minimize current surges during turn-
on and turn-off.
Figure 1. TYPICAL APPLICATION
Table 1. Devices (1)
STATUS
RATED CURRENT
DEVICES
MSOP-8 (PowerPad™)
SON -10
SOIC-8
1 A
TPS2062C and 66C
Active and Active
-
Active and Active
1.5 A
TPS2060C and 64C
Active and Active
-
-
2 A
TPS2002C and 03C
-
Preview / Preview
-
(1)
For more details, see the DEVICE INFORMATION table
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2002C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2002CDRCR TI1-TPS2002CDRCR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2002CDRCT TI1-TPS2002CDRCT Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2002C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com