Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2543RTER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2543RTER
Descripción Electrónicos  USB Charging Port Controller and Power Switch with Load Detection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543RTER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2543RTER Datasheet HTML 2Page - Texas Instruments TPS2543RTER Datasheet HTML 3Page - Texas Instruments TPS2543RTER Datasheet HTML 4Page - Texas Instruments TPS2543RTER Datasheet HTML 5Page - Texas Instruments TPS2543RTER Datasheet HTML 6Page - Texas Instruments TPS2543RTER Datasheet HTML 7Page - Texas Instruments TPS2543RTER Datasheet HTML 8Page - Texas Instruments TPS2543RTER Datasheet HTML 9Page - Texas Instruments TPS2543RTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS2543
SLVSBA6 – FEBRUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS, CHARGING CONTROLLER
Unless otherwise noted: –40
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN, VILIM_SEL = VIN, VCTL1 = 0 V, VCTL2 = VCTL3 = VIN.
RFAULT = RSTATUS = 10 kΩ, RILIM_HI = 20 kΩ, RILIM_LO = 80.6 kΩ, Positive currents are into pins. Typical values are at 25°C. All
voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHORTED MODE
VCTL1 = VIN, VCTL2 = VCTL3 = 0V
DP_IN / DM_IN shorting resistance
125
200
Ω
DIVIDER1 MODE
DP_IN Divider1 output voltage
1.9
2.0
2.1
V
DM_IN Divider1 output voltage
2.57
2.7
2.84
V
DP_IN output impedance
8
10.5
12.5
k
Ω
DM_IN output impedance
8
10.5
12.5
k
Ω
DIVIDER2 MODE
IOUT = 1A
DP_IN Divider2 output voltage
2.57
2.7
2.84
V
DM_IN Divider2 output voltage
1.9
2.0
2.1
V
DP_IN output impedance
8
10.5
12.5
k
Ω
DM_IN output impedance
8
10.5
12.5
k
Ω
CHARGING DOWNSTREAM PORT
VCTL1 = VCTL2 = VCTL3 = VIN
VDP_IN = 0.6 V,
VDM_SRC
DM_IN CDP output voltage
0.5
0.6
0.7
V
–250 µA < IDM_IN < 0 µA
DP_IN rising lower window thresholdfor
VDAT_REF
0.25
0.4
V
VDM_SRC activation
Hysteresis(1)
50
mV
DP_IN rising upper window thresholdfor
VLGC_SRC
0.8
1
V
VDM_SRC de-activation
hysteresis(1)
100
mV
IDP_SINK
DP_IN sink current
VDP_IN = 0.6 V
40
70
100
µA
LOAD DETECT – NON POWER WAKE
VCTL1 = VCTL2 = VCTL3 = VIN
ILD
IOUT rising load detect current threshold
635
700
765
mA
hysteresis(1)
50
mA
tLD_SET
Load detect set time
140
200
275
ms
Load detect reset time
1.9
3
4.2
s
LOAD DETECT – POWER WAKE
VCTL1 = VCTL2 = 0V, VCTL3 = VIN
IOS_PW
Power wake short circuit current limit
32
55
78
mA
IOUT falling power wake reset current
23
45
67
mA
detection threshold
Reset current hysteresis(1)
5
mA
Power wake reset time
10.7
15
20.6
s
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2543


Número de pieza similar - TPS2543RTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTERQ1 TI1-TPS2543QRTERQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTETQ1 TI1-TPS2543QRTETQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Descripción similar - TPS2543RTER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com