Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS51225CRUKR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS51225CRUKR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 31 page TPS51225, TPS51225B, TPS51225C www.ti.com SLUSAV0A – JANUARY 2012 – REVISED JUNE 2012 Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs Check for Samples: TPS51225, TPS51225B, TPS51225C 1 FEATURES APPLICATIONS 2 • Input Voltage Range: 5.5 V to 24 V • Notebook Computers • Output Voltages: 5 V and 3.3 V (Adjustable • Netbook, Tablet Computers Range ±10%) DESCRIPTION • Built-in, 100-mA, 5-V and 3.3-V LDOs The TPS51225/B/C is a cost-effective, dual- • Clock Output for Charge-Pump synchronous buck controller targeted for notebook • ±1% Reference Accuracy system-power supply solutions. It provides 5-V and • Adaptive On-time D-CAP™ Mode Control 3.3-V LDOs and requires few external components. The 260-kHz VCLK output can be used to drive an Architecture with 300kHz/355kHz Frequency external charge pump, generating gate drive voltage Setting for the load switches without reducing the main • Auto-skip Light Load Operation (TPS51225/C) converter efficiency. The TPS51225/B/C supports • OOA Light Load Operation (TPS51225B) high efficiency, fast transient response and provides a combined power-good signal. Adaptive on-time, D- • Internal 0.8-ms Voltage Servo Soft-Start CAP™ control provides convenient and efficient • Low-Side RDS(on) Current Sensing Scheme with operation. The device operates with supply input 4500 ppm/°C Temperature Coefficient voltage ranging from 5.5 V to 24 V and supports • Built-in Output Discharge Function output voltages of 5.0 V and 3.3 V. The TPS51225/B/C is available in a 20-pin, 3 mm × 3 • Separate Enable Input for Switchers mm, QFN package and is specified from –40°C to (TPS51225/B/C) 85°C. • Dedicated OC Setting Terminals • Power Good Indicator • OVP/UVP/OCP Protection • Non-latch UVLO/OTP Protection • 20-Pin, 3 mm × 3 mm, QFN (RUK) ORDERING INFORMATION(1) ORDERABLE ENABLE OUTPUT SKIP MODE ALWAYS ON-LDO PACKAGE QUANTITY FUNCTION SUPPLY DEVICE NUMBER TPS51225RUKR Tape and Reel 3000 EN1/ EN2 Auto-skip VREG3 TPS51225RUKT Mini reel 250 PLASTIC Quad TPS51225BRUKR Tape and Reel 3000 Flat Pack EN1/ EN2 OOA VREG3 TPS51225BRUKT Mini reel 250 (20 pin QFN) TPS51225CRUKR Tape and Reel 3000 EN1/ EN2 Auto-skip VREG3 & VREG5 TPS51225CRUKT Mini reel 250 (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 D-CAP, Out-of-Audio are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TPS51225CRUKR |
|
Descripción similar - TPS51225CRUKR |