Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0001.2506.PT Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

No. de pieza 0001.2506.PT
Descripción Electrónicos  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0001.2506.PT Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  0001.2506.PT Datasheet HTML 1Page - Cherry Semiconductor Corporation 0001.2506.PT Datasheet HTML 2Page - Cherry Semiconductor Corporation 0001.2506.PT Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
SPT 5x20 Pigtail
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.5 x In min.
2. x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 0.0 x In min. 0.0 x In max.
0.5 A - 0.8 A
60 min
30 min
250 ms
80 s
50 ms
5 s
5 ms
150 ms
1 A - 3.15 A
60 min
30 min
750 ms
80 s
95 ms
5 s
10 ms
150 ms
4 A - 6.3 A
60 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
8 A - 10 A
30 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
12.5 A - 16 A
15 min
30 min
750 ms
80 s
150 ms
5 s
20 ms
150 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.5
250
300
1)
850
360
1600
500
0.5
l
0001.2501.xx
0.8
250
300
1)
500
260
1600
500
2.3
l
0001.2503.xx
1
250
300
1)
350
180
2500
500
1.1
l
0001.2504.xx
1.25
250
300
1)
300
150
2500
500
1.86
l
0001.2505.xx
1.6
250
300
1)
200
130
2500
500
4.35
l
0001.2506.xx
2
250
300
1)
190
120
2500
600
9.2
l
0001.2507.xx
2.5
250
300
1)
180
100
2500
600
11.7
l
0001.2508.xx
3.15
250
300
1)
140
100
4000
800
33.7
l
0001.2509.xx
4
250
150
2)
100
90
4000
900
62.4
l
0001.2510.xx
5
250
150
2)
100
90
4000
1200
97.5
l
0001.2511.xx
6.3
250
150
2)
100
70
4000
1200
171
l
0001.2512.xx
8
250
150
3)
100
70
4000
1300
268
l
0001.2513.xx
10
250
150
3)
100
70
4000
2100
400
l
0001.2514.xx
12.5
250
125
4)
-
70
-
3100
563
l
0001.2515.xx
16
250
125
4)
-
70
-
4000
1500
l
0001.2516.xx
1)IEC:H=1500A@250VAC,p.f.=0.7-0.8
1)UL:10kA@125VAC,p.f.=0.7-0.8/1500A@250VAC,p.f.=0.7-0.8/1500A@300VDC
2)IEC:H=1500A@250VAC,p.f.=0.7-0.8
2)UL:10kA@125VAC,p.f.=0.7-0.8/1500A@250VAC,p.f.=0.7-0.8/1500A@150VDC
3)IEC:1000A@250VAC
3)UL:1000A@250VAC,1500A@150VDC
4)IEC:500A@250VAC
4)UL:500A@125VAC,p.f.=0.7-0.8/1000A@125VAC/500A@250VAC/1500A@125VDC
Packaging Unit
.xx=.PTBulk(1000pcs.)
.xx=.TRTaped33cmReel(1000pcs.)


Número de pieza similar - 0001.2506.PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
0001.2506.PT SCHURTER-0001.2506.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
More results

Descripción similar - 0001.2506.PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
SPT5X20 SCHURTER-SPT5X20 Datasheet
369Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
00012501 SCHURTER-00012501 Datasheet
370Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
SPT5X20 SCHURTER-SPT5X20_V01 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com