Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA16888G Datasheet(PDF) 7 Page - Siemens Semiconductor Group

No. de pieza TDA16888G
Descripción Electrónicos  High Performance Power Combi Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA16888G Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TDA16888G Datasheet HTML 3Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 4Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 5Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 6Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 7Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 8Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 9Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 10Page - Siemens Semiconductor Group TDA16888G Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TDA 16888
Semiconductor Group
7
Data Sheet 1998-05-06
Both PFC and PWM section are equipped with a peak current limitation, which is realized
by the comparators C3 and C9 sensing at pin 6 (PFC CL) and pin 11 (PWM CS)
respectively. When being activated this current limitation will immediately shut down the
respective gate drive PFC OUT (pin 8) or PWM OUT (pin 10).
Finally each pin is protected against electrostatic discharge.
Oscillator/Synchronization
The PFC and PWM clock signals as well as the PFC voltage ramp are synchronized by
the internal oscillator (see Figure 18). The oscillator’s frequency is set by an external
resistor connected to pin 16 (ROSC) and ground (see Figure 5). The corresponding
capacitor, however, is integrated to guarantee a low current consumption and a high
resistance against electromagnetic interferences. In order to ensure superior precision
of the clock frequency, the clock signal CLK OSC is derived from a triangular instead of
a saw-tooth signal. Furthermore to provide a clock reference CLK OUT with exactly 50%
duty cycle, the frequency of the oscillator’s clock signal CLK OSC is halved by a D-latch
before being fed into the PFC and PWM section respectively (see Figure 18).
The ramp signal of the PFC section
V
PFC RMP is composed of a slowly falling and a
steeply rising edge. This ramp has been reversed in contrast to the common practice, in
order to simultaneously allow for current measurement at pin 5 (GND S) and for external
compensation of OP2 by means of pin 5 (GND S) and pin 3 (PFC CC).
The oscillator can be synchronized with an external clock signal supplied at pin 12
(SYNC). However, since the oscillator’s frequency is halved before being fed into the
PFC and PWM section, a synchronization frequency being twice the operating frequency
is recommended. As long as the synchronization signal is H the oscillator’s triangular
signal
V
OSC is interrupted and its clock signal CLK OSC is H (see Figure 19 and
Figure 20). However, as soon as the external clock changes from H to L the oscillator is
released. Correspondingly, by means of an external clock signal supplied at pin 12
(SYNC) the oscillator frequency
f
OSC set by an external resistor at pin 16 (ROSC) can be
varied on principle only within the range from 0.66
f
OSC to 2 fOSC. If the oscillator has to
be synchronized over a wider frequency range, a synchronization by means of the sink
current at pin 16 (ROSC) has to be preferred to a synchronization by means of pin 12
(SYNC). Anyhow, please note, that pin 12 (SYNC) is not meant to permanently
shutdown both PFC and PWM section. It can be used to halt the oscillator freezing the
prevailing state of both drivers but does not allow to automatically shut them down. A
shutdown can be achieved by shorting pin 2 (
V
REF) to ground, instead.
Finally, In order to reduce the overall current consumption under low load conditions, the
oscillator frequency itself is halved as long as the voltage at pin 13 (PWM SS) is less
than 0.4 V (disabled PWM section).


Número de pieza similar - TDA16888G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA16888G INFINEON-TDA16888G Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
More results

Descripción similar - TDA16888G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com