Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZY93C33R Datasheet(PDF) 1 Page - Naina Semiconductor ltd. |
|
BZY93C33R Datasheet(HTML) 1 Page - Naina Semiconductor ltd. |
1 / 2 page Naina Semiconductor 1 D-95, Sector 63, Noida sales@nainasemi.com Features • Voltage Range 7.5 – 75 Volts • Glass passivated junction • 20 Watt steady state @ 75 oC • 1500 Watt peak pulse power • Operating temperature -55 oC to +175 • Good clamping ability • Available in Normal and Reverse polarity • Metric and UNF thread type Mechanical Characteristics • Hermetically sealed DO-4 outline • Polarity: Indicated by direction of Zener symbol • External surfaces corrosion resistant & • Weight: 4.2 grams Electrical Data • Forward Voltage, VF = 1.5V max. (at IF ≤ 5A, 300µs square wave pulse)] • VZ measured with pulse ≤ 100µs Duty cycle ≤ 0.001 • RZ determined with DC plus 10% superimposed AC @ 1KHZ emiconductor Ltd. BZY93 Series Sector 63, Noida – 201301, India • Tel: 0120-4205450 • Fax: 0120 sales@nainasemi.com • www.nainasemi.com Zener Diodes (Studs) C to +175 oC Available in Normal and Reverse polarity Polarity: Indicated by direction of Zener symbol External surfaces corrosion resistant & terminal Solderable s square wave pulse)] DO-203A ALL DIMENSIONS IN MM BZY93 Series 4205450 • Fax: 0120-4273653 www.nainasemi.com 203AA (DO-4) |
Número de pieza similar - BZY93C33R |
|
Descripción similar - BZY93C33R |