Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4605-3 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

No. de pieza TDA4605-3
Descripción Electrónicos  Control IC for Switched-Mode Power Supplies using MOS-Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4605-3 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TDA4605-3 Datasheet HTML 1Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4605-3 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Semiconductor Group
78
TDA 4605-3
Circuit Description
Application Circuit
The application circuit shows a flyback converter for video recorders with an output power rating of
70 W. The circuit is designed as a wide-range power supply for AC-line voltages of 180 to 264 V.
The AC-input voltage is rectified by the bridge rectifier GR1 and smoothed by
C1 . The NTC limits
the rush-in current.
In the period before the switch-on threshold is reached the IC is suppled via resistor
R 1 ; during the
start-up phase it uses the energy stored in
C2 , under steady state conditions the IC receives its
supply voltage from transformer winding
n1 via diode D1. The switching transistor T1 is a BUZ 90.
The parallel connected capacitor
C3 and the inductance of primary winding n 2 determine the
system resonance frequency. The
R 2-C4-D2 circuitry limits overshoot peaks, and R 3 protects the
gate of T1 against static charges.
During the conductive phase of the power transistor T1 the current rise in the primary winding
depends on the winding inductance and the mains voltage. The network consisting of
R 4-C5 is used
to create a model of the sawtooth shaped rise of the collector current. The resulting control voltage
is fed into pin 2 of the IC. The RC-time constant given by
R 4-C5 must be designed that way that
driving the transistor core into saturation is avoided.
The ratio of the voltage divider
R 10/R 11 is fixing a voltage level threshold. Below this threshold the
switching power supply shall stop operation because of the low mains voltage. The control voltage
present at pin 3 also determines the correction current for the fold-back point. This current added to
the current flowing through
R 4 and represents an additional charge to C5 in order to reduce the turn-
on phase of T1. This is done to stabilize the fold-back point even under higher mains voltages.
Regulation of the switched-mode power supplies via pin 1. The control voltage of winding
n1 during
the off period of T1 is rectified by D3, smoothed by
C6 and stepped down at an adjustable ratio by
R 5 , R 6 and R 7 . The R 8-C7 network suppresses parasitic overshoots (transformer oscillation). The
peak voltage at pin 2, and thus the primary peak current, is adjusted by the IC so that the voltage
applied across the control winding, and hence the output voltages, are at the desired level.
When the transformer has supplied its energy to the load, the control voltage passes through zero.
The IC detects the zero crossing via series resistors
R 9 connected to pin 8. But zero crossings are
also produced by transformer oscillation after T1 has turned off if output is short-circuited. Therefore
the IC ignores zero crossings occurring within a specified period of time after T1 turn-off.
The capacitor
C8 connected to pin 7 causes the power supply to be started with shorter pulses to
keep the operating frequency outside the audible range during start-up.
On the secondary side, five output voltages are produced across winding
n3 to n7 rectified by D4 to
D8 and smoothed by
C9 to C13 . Resistors R 12 , R 14 and R 19 to R 21 are used as bleeder resistors.
Fusable resistors
R 15 to R 18 protect the rectifiers against short circuits in the output circuits, which
are designed to supply only small loads.


Número de pieza similar - TDA4605-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
More results

Descripción similar - TDA4605-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com