Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5-1195131-6 Datasheet(PDF) 4 Page - PANDUIT CORP.

No. de pieza 5-1195131-6
Descripción Electrónicos  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

5-1195131-6 Datasheet(HTML) 4 Page - PANDUIT CORP.

  5-1195131-6 Datasheet HTML 1Page - PANDUIT CORP. 5-1195131-6 Datasheet HTML 2Page - PANDUIT CORP. 5-1195131-6 Datasheet HTML 3Page - PANDUIT CORP. 5-1195131-6 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING
SYSTEM, MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-42/-43
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001303
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
4 of 4
If this document is printed it becomes uncontrolled. Check for the latest revision.
(5 minutes @ 300C)
Longitudinal Change
±10%
MIL-I-23053, Par. 4.6.5.1
(5 minutes @ 300C)
TEHRMOFIT ASSEMBLY PROCEDURE:
1.0
SCOPE
This document outlines the procedure to be followed to obtain immersion resistant multiple wire butt splices using
Thermofit Multi-Wire In-Line Splice Sealing System D-436-42/-43.
2.0 PROCEDURE
a)
Pass the wires to be attached to one barrel through the separate three wire seal. (Item 3) Pass the wires
to be attached to the other barrel through the sealing sleeve from the three hole insert end.
b)
Strip wires 5/16” to 11/32” and crimp into splicer using one of the approved crimping tools (see
below). Care must be taken that the wires remain untwisted between the splice and the three wire seals or the
sealing sleeve cannot be positioned properly.
c)
Position the separate seal as close as possible to the splicer. Hold this piece in position by squeezing
the wires directly behind it, and slide the sealing sleeve over the assembly so that the separate seal is as far
inside the sleeve as possible.
d)
Apply heat, using the recommended heat source, first to the “separate” seal end, and then the other.
Heat should be applied until insert melts and flows axially along the wires.
3.0
RECOMMENDED TOOLS
a. Crimp Tools
Manufacturer
Model Number
Raychem
AD-1377
Buchanan Electric Products
614080
Daniels manufacturing Company
OT-609
b. Heat Tools
Heater
Reflector
Thermogun #500A
TG-14
Shop Air Heater #CV-4504
991180
Mini-Gun #CV-5300
991319
Heater should be operated to give an air stream temperature of at least 550F.


Número de pieza similar - 5-1195131-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
5-1195132-7 PANDUIT-5-1195132-7 Datasheet
103Kb / 1P
   STUB SPLICE SEALING SYSTEM, TIN PLATED CRIMP
5-1195133-1 PANDUIT-5-1195133-1 Datasheet
140Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
5-1195133-6 PANDUIT-5-1195133-6 Datasheet
140Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
More results

Descripción similar - 5-1195131-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
D-436-77 PANDUIT-D-436-77 Datasheet
107Kb / 2P
   STUB SPLICE SEALING SYSTEM MULTI-WIRE
D-436-60 PANDUIT-D-436-60 Datasheet
48Kb / 1P
   STUB SPLICE SEALING SYSTEM MULTI-WIRE
D-436-88 PANDUIT-D-436-88 Datasheet
128Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE SPLICER NICKEL PLATED, COLOR CODED, WITH INSPECTION SLOTS
D-436-0115 PANDUIT-D-436-0115 Datasheet
104Kb / 1P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
D-436-58 PANDUIT-D-436-58 Datasheet
42Kb / 1P
   STUB SPLICE SEALING SYSTEM
D-436-82 PANDUIT-D-436-82 Datasheet
120Kb / 2P
   (NICKEL PLATED CRIMPS) IN-LINE SPLICE SEALING SYSTEM, 1 TO 1
D-436-36 PANDUIT-D-436-36 Datasheet
54Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 MIL-S-81824/1
D-200-82 PANDUIT-D-200-82 Datasheet
50Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 NICKEL PLATED CRIMP, 200deg.C
D-436-0110 PANDUIT-D-436-0110 Datasheet
117Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 or 3 to 1 SPLICE: TIN PLATED, COLOR CODED with Inspection Slots
D-436-52 PANDUIT-D-436-52 Datasheet
140Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com