Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A-1PA-113-180B2 Datasheet(PDF) 3 Page - Amphenol Corporation |
|
A-1PA-113-180B2 Datasheet(HTML) 3 Page - Amphenol Corporation |
3 / 6 page 3 Amphenol® RF: 800-627-7100 AMC Specifications Electrical Impedance 50 Ω Frequency range DC - 6 GHz VSWR 1.3 max. @ DC - 3 GHz 1.4 max. @ 3 - 6 GHz Contact resistance center contact: ≤ 20 mΩ outer contact: ≤ 10 mΩ Mechanical Mating Snap-on coupling Attachment method (inner / outer) n/a Center conductor cable affixment n/a Center contact retention force 0.15 N Durability (matings) 30 cycles minimum Environmental Temperature range -40°C to +90°C Material Body and outer contacts Phosphor bronze, silver plated 0.08u min. Male contact Brass, gold plated 0.2u min. Female contact Phosphor bronze, gold plated 0.2u min. Insulator PBT or LCP Cable jacket and dielectric FEP Custom Right Angle Plug Jumpers also available! For your convenience, please use the numbering system below to create your own part number: AMC A-1PAVWWW-XXXYZ A: Series Name (A=AMC) 1PA: Plug V: Connector Orientation •(dash)–BoththeSameDirection •C–90deg.ClockwiseOffset •F–180deg.Offset •R–270deg.Offset WWW: Cable diameter (OD) •113–1.13mm •132–1.32mm(doubleshielded) •137–1.37mm XXX: Cable length in mm Y: Cable color: •G–gray •B–black •W–white Z: Number of terminated ends: •1 •2 AMC |
Número de pieza similar - A-1PA-113-180B2 |
|
Descripción similar - A-1PA-113-180B2 |