Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-12-547 Datasheet(PDF) 5 Page - FCI connector

No. de pieza GS-12-547
Descripción Electrónicos  0.8mm BergStak짰 Product Specification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI-CONNECTOR [FCI connector]
Página de inicio  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-547 Datasheet(HTML) 5 Page - FCI connector

  GS-12-547 Datasheet HTML 1Page - FCI connector GS-12-547 Datasheet HTML 2Page - FCI connector GS-12-547 Datasheet HTML 3Page - FCI connector GS-12-547 Datasheet HTML 4Page - FCI connector GS-12-547 Datasheet HTML 5Page - FCI connector GS-12-547 Datasheet HTML 6Page - FCI connector GS-12-547 Datasheet HTML 7Page - FCI connector GS-12-547 Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NUMBER
GS-12-547
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
5 of 8
D
AUTHORIZED BY
DATE
0.8mm BergStak® Product Specification
Matthew Cheong
30 Mar 10
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
6.2.7
Shock
EIA-364-27, Test Condition A
Accelerated velocity ----- 490 m/s
2 (50G).
Waveform ------------------ half-sine shock pulse.
Duration -------------------- 11 mSec.
Velocity change ----------- 11.3 feet per second
Number of cycles --------- 18
6.2.8
Mating Force
EIA-364-13
Operating speed ---------- 25 mm/minute
No lubrication and utilize free-floating fixture.
Number of connectors -------- 5 mated pair
6.2.9
Un-mating Force
EIA-364-13
Operating speed ---------- 25 mm/minute
No lubrication and utilize free-floating fixture.
Number of connectors -------- 5 mated pair
6.2.10
Durability
EIA-364-09
Operating speed ---------- 25 mm/minute
Number of cycles ------------- 100
Pre-Conditioning cycles ------ 25
6.2.11
Solderability
For leaded:
Solder temperature ------- 230
± 5°C.
Immersion duration ------- 3
± 0.5 seconds
Flux immersion ------------ 5 to 10 seconds
Flux and solder material are defined in MIL-STD-202, method 208
For Non- leaded:
Solder temperature ------- 260
± 5°C.
Immersion duration ------- 3
± 0.5 seconds
Flux immersion ------------ 5 to 10 seconds
Flux and solder material are defined in MIL-STD-202, method 208
6.2.12
Resistance to Solder Heat
For leaded:
Peak temperature --------- 240
± 5°C.
Duration --------------------- 10 seconds
For Non- leaded:
Peak temperature --------- 260
± 5°C.
Duration --------------------- 10 seconds
6.2.13
Contact Retention Force
Operating speed ---------- 25 mm/minute
Number of readings ------ 30 (10 readings per connector set)
6.2.14
Reseating
Perform 3 cycles mate/unmate
6.2.15
Thermal Shock
EIA-364-32 Method A
Temperature range ------- -40 +0/-5°C to 125 +5/-0°C
Time at temperature extremes ----- 30 minutes
Test Duration (A-4) --------- 10 cycles
Transfer Time ---------------- 5 minutes maximum
PDM: Rev:D
Released
.
STATUS:
Printed: Apr 27, 2010


Número de pieza similar - GS-12-547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Descripción similar - GS-12-547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com