Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33988CHFK Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

No. de pieza MC33988CHFK
Descripción Electrónicos  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988CHFK Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33988CHFK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988CHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Document Number: MC33988
Rev. 7.0, 05/2012
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2010-2012. All rights reserved.
Dual Intelligent High-current
Self-protected Silicon High Side
Switch (8.0 mOhm
)
The 33988 is a dual self-protected 8.0 m
Ω silicon switch used to
replace electromechanical relays, fuses and discrete devices in
power management applications. The 33988 is designed for harsh
environment and includes self-recovery features. The device is
suitable for loads with high inrush current, as well as motors and all
types of resistive and inductive loads.
Programming, control and diagnostics are implemented via the
serial peripheral interface (SPI). A dedicated parallel input is available
for alternate and pulse-width modulation (PWM) control of each
output. SPI-programmable fault trip thresholds allow the device to be
adjusted for optimal performance in the application.
The 33988 is packaged in a power-enhanced 12 x 12 mm
nonleaded PQFN package with exposed tabs.
Features
• Dual 8.0 m
Ω max high side switch with parallel input or SPI control
•6.0 V to 27 V operating voltage with standby currents < 5.0
μA
• Output current monitoring with two SPI-selectable current ratios
• SPI control of over-current limit, over-current fault blanking time,
output OFF open load detection, output ON/OFF control,
watchdog timeout, slew-rates, and fault status reporting
• SPI status reporting of over-current, open and shorted loads, over-
temperature, under-voltage and over-voltage shutdown, fail-safe
pin status, and program status
• Enhanced -16 V reverse polarity VPWR protection
Figure 1. 33988 Simplified Application Diagram
HIGH SIDE SWITCH
33988
ORDERING INFORMATION
Device
(For Tape and Reel,
add an R2 Suffix)
Temperature
Range (TA)
Package
MC33988CHFK
-40 °C to 125 °C
16 PQFN
BOTTOM VIEW
FK SUFFIX
98ARL10521D
16-PIN PQFN
VDD
I/O
I/O
SO
SCLK
CS
SI
I/O
I/O
I/O
A/D
VPWR
FS
WAKE
SI
SCLK
CS
SO
RST
INO
IN1
CSNS
FSI
GND
HS1
HS0
GND
LOAD
LOAD
33988
MCU
VDD
VDD
VDD
VPWR


Número de pieza similar - MC33988CHFK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33988CPNA FREESCALE-MC33988CPNA Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
More results

Descripción similar - MC33988CHFK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com